Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
2004 Dec 22
25
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
All PCF8576Ds connected in cascade are correctly
synchronized by the SYNC signal. This synchronization is
guaranteed after the Power-on reset. The only time that
SYNC is likely to be needed is if synchronization is lost
accidentally, for example, by noise in adverse electrical
environments, or if the LCD multiplex drive mode is
changed in an application using several cascaded
PCF8576Ds, as the drive mode cannot be changed on all
of the cascaded devices simultaneously. SYNC can be
either an input or an output signal; a SYNC output is
implemented as an open-drain driver with an internal
pull-up resistor. A PCF8576D asserts SYNC at the start of
its last active backplane signal, and monitors the SYNC
line at all other times. If cascade synchronization is lost, it
will be restored by the first PCF8576D to assert SYNC.
The timing relationship between the backplane waveforms
and the SYNC signal for each LCD drive mode is shown in
Fig.20.
Table 14 SYNC contact resistance
The contact resistance between the SYNC input/output on
each cascaded device must be controlled. If the resistance
is too high, the device will not be able to synchronize
properly; this is particularly applicable to chip-on-glass
applications. The maximum SYNC contact resistance
allowed for the number of devices in cascade is given in
Table 14.
NUMBER OF DEVICES
MAXIMUM CONTACT
RESISTANCE
2
6000
Ω
3 to 5
2200
Ω
6 to 10
1200
Ω
10 to 16
700
Ω
handbook, full pagewidth
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
SDA
SCL
CLK
OSC
SYNC
1, 58, 59
2, 3
4
5
7
89
6
8
9
10
11
12
13
10
11
12
40 segment drives
4 backplanes
40 segment drives
LCD PANEL
(up to 2560
elements)
PCF8576DU
A0
A1
A2
SA0
VDD
VLCD
DD
V
LCD
V
MDB077
SDA
SCL
SYNC
CLK
OSC
1, 58, 59
613
2, 3
4
5
7
BP0 to BP3
(open-circuit)
A0
A1
A2
SA0 VSS
VSS
VSS
VDD
VLCD
PCF8576DU
BP0 to BP3
R
tr
2CB
≤
Fig.19 Cascaded PCF8576D configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com