Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 2Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 3Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 4Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 5Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
2004 Dec 22
6
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
5
PINNING
SYMBOL
PIN
PAD
DESCRIPTION
PCF8576DH
PCF8576DT
PCF8576DU
SDA
10
44
1, 58 and 59
I2C-bus serial data input/output
SCL
11
45
2 and 3
I2C-bus serial clock input
CLK
13
47
5
external clock input/output
VDD
14
48
6
supply voltage
SYNC
12
46
4
cascade synchronization
input/output
OSC
15
49
7
internal oscillator enable input
A0 to A2
16 to 18
50 to 52
8 to 10
subaddress inputs
SA0
19
53
11
I2C-bus slave address input; bit 0
VSS
20
54
12
logic ground
VLCD
21
55
13
LCD supply voltage
BP0, BP2, BP1, BP3
25 to 28
56, 1, 2, 3
14 to 17
LCD backplane outputs
S0 to S39
29 to 32, 34 to 47,
49 to 64, 2 to 7
4 to 43
18 to 57
LCD segment outputs
n.c.
1, 8, 9, 22 to 24,
33 and 48
−−
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com