Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 140Page - STMicroelectronics ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics ST25DV64K Datasheet HTML 147Page - STMicroelectronics ST25DV64K Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 197 page
background image
9.4
RF electrical parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device in RF mode.
The parameters in the following tables are derived from tests performed under the measurement conditions
summarized in the relevant tables. Check that the operating conditions in the circuit match the measurement
conditions when relying on the quoted parameters.
Table 253. RF characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fCC
External RF signal frequency
-
13.553
13.56
13.567
MHz
H_ISO
Operating field according to ISO(1)
Range 6
TA = -40 °C to 85 °C
150
-
5000
mA/m
Range 8
TA = -40 °C to 105 °C
MICARRIER
10% carrier modulation index
MI = (A - B) / (A + B)
150 mA/m > H_ISO > 1000 mA/m
10
-
30
%
100% carrier modulation index(1)
MI= (A - B) / (A + B)
95
-
100
tMINCD
Minimum time from carrier generation to
first data(1)
From H-field min
-
-
1
ms
fSH
Subcarrier frequency high(1)
fCC/32
-
423.75
-
kHz
fSL
Subcarrier frequency low(1)
fCC/28
-
484.28
-
t1
Time for ST25DVxxx response(1)
4352/fC
318.6
320.9
323.3
µs
t2
Time between commands(1)
4192/fC
309
311.5
314
t3
Time between commands(1)
4384/fC
323.3
-
-
Wt_Block
RF user memory write time (including
internal Verify) (1)(2)
1 block
-
5.2
-
ms
4 blocks
-
19.7
-
Wt_Byte
RF system memory write time including
internal Verify)(1)(2)
1 byte
-
4.9
-
ms
Wt_MB
RF mailbox write time (from VCD request
SOF to ST25DVxxx response EOF)(2)(3)
256 bytes
-
80.7
-
ms
tRead_MB
RF mailbox read time (from VCD request
SOF to ST25DVxxx response EOF) (2)(3)
256 bytes
-
81
-
ms
CTUN
Internal tuning capacitor(3)
f = 13.56 MHz
26.5
28.5
30.5
pF
VBACK
Backscattered level, as defined by ISO
test(1)
-
10
-
-
mV
VMIN_1 (1)
RF input voltage amplitude between AC0
and AC1, VSS pin left floating, VAC0 - VAC1
peak to peak(1)
Inventory and Read operations
-
4.8
-
V
Write operations
-
5.25
-
VMIN_2 (1)
AC voltage between AC0 and VSS, or
between AC1 and VSS (1)
Inventory and Read operations
-
2.25
-
V
Write operations
-
2.7
-
tBootRF
Without DC supply (no VCC)
Set up time
-
0.6
-
ms
tRF_OFF
RF OFF time
Chip reset
2
-
-
1. Evaluated by characterization, not tested in production.
2. For VCD request coded in 1 out of 4 and ST25DVxxx response in high data rate, single sub carrier.
3. Evaluated by characterization at 25 °C. Tested in production at 25 °C, by correlating industrial tester measures with characterization data.
ST25DV04K ST25DV16K ST25DV64K
RF electrical parameters
DS10925 - Rev 11
page 144/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com