Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 136Page - STMicroelectronics ST25DV64K Datasheet HTML 137Page - STMicroelectronics ST25DV64K Datasheet HTML 138Page - STMicroelectronics ST25DV64K Datasheet HTML 139Page - STMicroelectronics ST25DV64K Datasheet HTML 140Page - STMicroelectronics ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 197 page
background image
1. SCL, SDA connected to ground or VCC. SDA connected to VCC through a pull-up resistor.
2. Evaluated by characterization, not tested in production.
Table 248. I2C AC characteristics (up to 85 °C)
Test conditions specified in Table 243
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0.05
1000
kHz
tCHCL
tHIGH
Clock pulse width high(1)
0.26
25000 (2)
µs
tCLCH
tLOW
Clock pulse width low(1)
0.5
25000 (3)
tSTART_OUT
-
I²C timeout on Start condition(1)
35
-
ms
tXH1XH2
tR
Input signal rise time(1)
(4)
(4)
ns
tXL1XL2
tF
Input signal fall time(1)
(4)
(4)
tDL1DL2
tF
SDA (out) fall time(1)
20
120
tDXCX
tSU:DAT
Data in set up time(1)
0
-
tCLDX
tHD:DAT
Data in hold time
0
-
tCLQX(5)
tDH
Data out hold time
100
-
tCLQV(6)
tAA
Clock low to next data valid (access time)
-
450
tCHDX(7)
tSU:STA
Start condition set up time
250
-
tDLCL
tHD:STA
Start condition hold time
0.25
35000 (8)
µs
tCHDH
tSU:STO
Stop condition set up time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
500
-
tW
-
I²C write time(9)
-
5
ms
tbootDC
-
RF OFF and LPD = 0(1)
-
0.6
tbootLPD
-
RF OFF(1)
-
0.6
1. Evaluated by characterization, not tested in production.
2. tCHCL timeout.
3. tCLCH timeout.
4. There are no min. or max. values for the input signal rise and fall times. The I2C specification recommends that they are less than 120 ns
when fC < 1 MHz.
5. To avoid spurious Start and Stop conditions, a minimum delay is put between SCL=1 and the falling or rising edge of SDA.
6. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach 0.8 VCC in a compatible way with the I2C specification
(tSU:DAT (min) = 100 ns), assuming that the Rbus × Cbus time constant is less than 150 ns (as specified in Figure 76).
7. For a restart condition, or following a write cycle.
8. tDLCL timeout.
9. I2C write time for 1, 2, 3, or 4 bytes in EEPROM (user memory and system configuration), provided they are all located in the same memory
page, that is, the most significant memory address bits (b16-b2) are the same.
Table 249. I2C AC characteristics (up to 125 °C)
Test conditions specified in Table 243
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0.05
1000
kHz
tCHCL
tHIGH
Clock pulse width high(1)
0.26
25000(2)
µs
tCLCH
tLOW
Clock pulse width low(1)
0.5
25000(3)
ST25DV04K ST25DV16K ST25DV64K
I2C parameters
DS10925 - Rev 11
page 140/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com