Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 132Page - STMicroelectronics ST25DV64K Datasheet HTML 133Page - STMicroelectronics ST25DV64K Datasheet HTML 134Page - STMicroelectronics ST25DV64K Datasheet HTML 135Page - STMicroelectronics ST25DV64K Datasheet HTML 136Page - STMicroelectronics ST25DV64K Datasheet HTML 137Page - STMicroelectronics ST25DV64K Datasheet HTML 138Page - STMicroelectronics ST25DV64K Datasheet HTML 139Page - STMicroelectronics ST25DV64K Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 197 page
background image
9
Device parameters
9.1
Maximum ratings
Stressing the device above the ratings listed in Table 242 may cause permanent damage to the device. These
are stress ratings only, and operation of the device, at these or any other conditions above those indicated in
the operating sections of this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect the device reliability. Device mission profile (application conditions) is compliant with
JEDEC JESD47 qualification standard. Extended mission profiles can be assessed on demand.
Refer also to the STMicroelectronics SURE program and other relevant quality documents.
Table 242. Absolute maximum ratings
Symbol
Parameter
Min. Max.
Unit
TA
Ambient operating temperature
Range 6
All packages
RF and
I2C interfaces
-40
85
°C
Range 8
UFDFPN8, UFDFPN12
RF and
I2C interfaces
-40
105
SO8N, TSSOP
RF interface
-40
105
I2C interface
-40
125
TSTG
Storage temperature
Sawn wafer on UV tape, kept in its original packing form
15
25
°C
UFDFPN8 (MLP8),SO8N, TSSOP8, UFDFPN12, WLCSP10
-65
150
tSTG
Retain
Sawn wafer on UV tape, kept in its original packing form
-
9 (1) months
TLEAD
Lead temperature during soldering
See note (2)
°C
VIO
I2C input or output range
- 0.50
6.5
V
VDCG
Supply GPO CMOS driver
- 0.50
6.5
VCC
I2C supply voltage
- 0.50
6.5
IOL_MAX_SDA
DC output current on pin SDA (when = equal to 0)
-
5
mA
IOL_MAX_GPO_OD DC output current on pin GPO open drain (when equal to 0)
-
1.5
VMAX_1 (3)
RF input voltage amplitude peak to peak between AC0 and AC1, VSS pin left floating VAC0 - VAC1
-
11
V
VMAX_2 (3)
AC voltage between AC0 and VSS, or AC1 and VSS
VAC0 - VSS,
or VAC1 - VSS
- 0.50
5.5
VESD
Electrostatic discharge voltage (human body model) (4)
All pins
-
2000
1. Counted from ST production date.
2. Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and the
European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
3. Evaluated by characterization, not tested in production.
4. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω)
ST25DV04K ST25DV16K ST25DV64K
Device parameters
DS10925 - Rev 11
page 136/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com