Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 135Page - STMicroelectronics ST25DV64K Datasheet HTML 136Page - STMicroelectronics ST25DV64K Datasheet HTML 137Page - STMicroelectronics ST25DV64K Datasheet HTML 138Page - STMicroelectronics ST25DV64K Datasheet HTML 139Page - STMicroelectronics ST25DV64K Datasheet HTML 140Page - STMicroelectronics ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 197 page
background image
Table 247. I2C DC characteristics (up to 125 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILI
Input leakage current (SCL,
SDA)
VIN = VSS or VCC
device in Standby mode
-
0.03
± 0.1
μA
ILI
Input leakage current (LPD)
VIN = VSS
device in Standby mode
-
0.1
± 0.5
ILO
Operating leakage current
(SDA)
SDA in Hi-Z, external voltage applied on
SDA: VSS or VCC
-
0.03
± 0.1
ICC_E2
Operating supply current
(device select E2 address)
Read(1)
VCC = 1.8 V
fC = 1 MHz
(rise/fall time < 50 ns)
-
126
180
μA
VCC = 3.3 V
-
230
260
VCC = 5.5 V
-
510
550
ICC_MB
Operating supply current
(device select MB address)
Read(1)
VCC = 1.8 V
fC = 1 MHz
(rise/fall time < 50 ns)
-
126
180
μA
VCC = 3.3 V
-
230
260
VCC = 5.5 V
-
510
550
ICC0
Operating supply current
(device select E2 address)
Write(1)
VCC = 1.8 V
fC = 1 MHz
(rise/fall time < 50 ns)
-
120
310
μA
VCC = 3.3 V
-
120
350
VCC = 5.5 V
-
140
450
ICC0_MB
Operating supply current
(device select MB address)
Write(1)
VCC = 1.8 V
fC = 1 MHz
(rise/fall time < 50 ns)
-
180
220
μA
VCC = 3.3 V
-
290
320
VCC = 5.5 V
-
520
600
ICC1
(LPD = 1)
Low power down supply current
VCC = 1.8 V
-
2.5
5
μA
VCC = 3.3 V
-
3.0
6
VCC = 5.5 V
-
4.0
7
ICC1_PON
(LPD = 0)
Static standby supply current
after power ON, or device select
stop, or time out
VCC = 1.8 V
-
78
110
V
VCC = 3.3 V
-
82
110
VCC = 5.5 V
-
95
130
VIL
Input low voltage ((SDA, SCL)
VCC = 1.8 V
-0.45
-
0.25 VCC
V
VCC = 3.3 V
-
0.30 VCC
VCC = 5.5 V
-
0.30 VCC
VIL_LPD
Input low voltage (LPD)
VCC = 3.3 V
-0.45
-
0.20 VCC
V
VIH
Input high voltage (SDA, SCL)
VCC = 1.8 V
0.75 VCC
-
VCC + 1
V
VCC = 3.3 V
-
VCC = 5.5 V
-
VIH_LPD
Input high voltage (LPD)
VCC = 1.8 V
0.85 VCC
-
VCC + 1
V
VCC = 3.3 V
-
VCC = 5.5 V
-
VOL_SDA
Ouput low voltage SDA (1 MHz)
VCC = 1.8 V, IOL = 1.0 mA
-
50
400
mV
VCC = 3.3 V, IOL = 2.1 mA
-
80
VCC = 5.5 V, IOL = 3.0 mA
-
100
VCC_Power_up Device select acknowledge
fC = 100 kHz(2)
-
1.48
1.7
V
ST25DV04K ST25DV16K ST25DV64K
I2C parameters
DS10925 - Rev 11
page 139/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com