Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 178Page - STMicroelectronics ST25DV64K Datasheet HTML 179Page - STMicroelectronics ST25DV64K Datasheet HTML 180Page - STMicroelectronics ST25DV64K Datasheet HTML 181Page - STMicroelectronics ST25DV64K Datasheet HTML 182Page - STMicroelectronics ST25DV64K Datasheet HTML 183Page - STMicroelectronics ST25DV64K Datasheet HTML 184Page - STMicroelectronics ST25DV64K Datasheet HTML 185Page - STMicroelectronics ST25DV64K Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 197 page
background image
Revision history
Table 298. Document revision history
Date
Revision
Changes
23-Feb-2017
1
Initial release.
20-Sep-2017
2
Updated:
•
Features
•
Section 4 Memory management
•
Section 5 ST25DVxxx specific features
•
Section 5.6.4 System memory protection
•
Section 6.4.2 I2C Sequential write
•
Section 6 I2C operation
•
Section 7 RF operation
•
Section 9.1 Maximum ratings
•
Table 158. Get System Info response format Error_flag is NOT set
•
Table 242. Absolute maximum ratings
•
Table 244. AC test measurement conditions
•
Table 246. I2C DC characteristics (up to 85 °C)
•
Table 248. I2C AC characteristics (up to 85 °C)
•
Table 250. GPO DC characteristics up to 85°C
•
Table 253. RF characteristics
•
Table 254. Operating conditions
•
Table 256. TSSOP8 – Mechanical data
•
Table 261. Ordering information scheme
•
Figure 30. I2C Present Password Sequence
•
Figure 31. I2C Write Password Sequence
•
Figure 80. TSSOP8 – Outline
Added Table 159. Memory size, Table 243. I2C operating conditions, Table 247. I2C DC characteristics (up
to 125 °C), Table 249. I2C AC characteristics (up to 125 °C), and Table 251. GPO DC characteristics up to
125°C.
04-Oct-2017
3
Updated Features and Section 10 Package information.
Added NFC certified logo.
19-Dec-2017
4
Added:
•
Figure 4. 10-ball WLCSP package: connections with CMOS Interrupt output (GPO)
•
Section 10.5 WLCSP10 package information
•
Table 259. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale mechanical data
•
Figure 84. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline
•
Figure 85. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale recommended
footprint
Updated Features, Section 1 Description, Section 2.5 Energy harvesting analog output (V_EH),
Section 5.3.2 Energy harvesting feature description, Section 6.4.1 I2C Byte write, and Section 6.4.2 I2C
Sequential write.
Updated Figure 21. Arbitration between RF and I2C.
Updated Table 242. Absolute maximum ratings, Table 243. I2C operating conditions, and Table 261. Ordering
information scheme.
Deleted Device summary.
14-Jun-2018
5
Updated:
•
Table 21. MB_LEN_Dyn
•
Section 5.1.2 Fast transfer mode usage, Section 5.6.2 Passwords and security sessions,
Section 7.6.2 Command codes list, Section 7.6.35 Write Password, and Section 10.5 WLCSP10
package information
•
Figure 84. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package
outline and Figure 85. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
recommended footprint
Added Table 260. WLCSP10 recommended PCB design rules.
ST25DV04K ST25DV16K ST25DV64K
DS10925 - Rev 11
page 182/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com