Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 179Page - STMicroelectronics ST25DV64K Datasheet HTML 180Page - STMicroelectronics ST25DV64K Datasheet HTML 181Page - STMicroelectronics ST25DV64K Datasheet HTML 182Page - STMicroelectronics ST25DV64K Datasheet HTML 183Page - STMicroelectronics ST25DV64K Datasheet HTML 184Page - STMicroelectronics ST25DV64K Datasheet HTML 185Page - STMicroelectronics ST25DV64K Datasheet HTML 186Page - STMicroelectronics ST25DV64K Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 197 page
background image
Date
Revision
Changes
01-Aug-2018
6
Updated:
•
Section 2.2.2 Low power down (LPD)
•
Section 5.1.2 Fast transfer mode usage
•
Section 5.2.3 GPO registers
•
Figure 22. RF security sessions management
•
Section 7.6.7 Extended Read Single Block
•
Section 7.6.9 Extended Write Single Block
•
Section 7.6.10 Lock Block
•
Section 7.6.11 Extended Lock block
•
Section 7.6.13 Extended Read Multiple Blocks
•
Section 7.6.15 Extended Write Multiple Blocks
•
Section 7.6.25 Extended Get Multiple Block Security Status
•
Section 7.6.38 Fast Extended Read Single Block
•
Section 7.6.40 Fast Extended Read Multiple Block
•
Section 9.1 Maximum ratings
08-Nov-2018
7
Updated Table 205. Fast Read Message request format and Table 206. Fast Read Message response format
when Error_flag is NOT set.
04-May-2020
8
Updated:
•
Section 2.2.2 Low power down (LPD)
•
Section 5.4.2 RF management feature description
•
Section 5.6.2 Passwords and security sessions
•
Table 79. MEM_SIZE
•
Table 161. Extended Get System Info request format
•
Table 231. Fast Write Message response format when Error_flag is set
19-Feb-2021
9
Updated:
•
Section 4.2.1 User memory areas
•
Section 5.2.2 GPO and power supply
•
Section 5.2.3 GPO registers
•
Section 5.4.2 RF management feature description
•
Section 6.4 I2C write operations
•
Section 6.6.1 I2C present password command description
•
Table 253. RF characteristics
11-Jan-2023
10
Updated Section 1 Description, Section 1.2 ST25DVxxx packaging, Section 3.2 Contactless interface, and
Section 7.1.1 Access to an ISO/IEC 15693 device.
Updated Table 246. I2C DC characteristics (up to 85 °C), Table 247. I2C DC characteristics (up to 125
°C), Table 248. I2C AC characteristics (up to 85 °C),Table 249. I2C AC characteristics (up to 125 °C),
Table 253. RF characteristics, and their footnotes.
Updated Table 255. SO8N – Mechanical data.
Updated Figure 5. Power-up sequence (no RF field, LPD pin tied to VSS or package without LPD pin),
Figure 6. RF power-up sequence (no DC supply), and Figure 75. I2C AC waveforms.
Minor text edits across the whole document.
24-Jan-2023
11
Updated Table 161. Extended Get System Info request format.
Minor text edits across the whole document.
ST25DV04K ST25DV16K ST25DV64K
DS10925 - Rev 11
page 183/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com