Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 9 of 13
AOZ9510QI
Detailed Description
The AOZ9510QI is an integrated half-bridge gate driver
for motor drive applications. The device includes one
half-bridge gate driver, capable of driving high-side and
low-side N-channel MOSFETs. The AOZ9510QI provides
adjustable source/sink current of both high/low-side gate
drive output current which can optimize performances of
EMI and efficiency on different PCB layout and
applications.
In addition, the AOZ9510QI provides several fault
protections, such as UVLO, OTP and non-overlapping
mechanism.
The AOZ9510QI is available in 23-pin 4mm×4mm QFN
package.
Input Power Architecture
The AOZ9510QI integrates an internal linear regulator to
generate 8V (2.5%) VCC from input pins. If input voltage
is lower than 5.2V, the linear regulator will be triggered
VB-VOUT UVLO. The VCC maximum source current is
1mA. Therefore, extra external source is needed when
operation switching frequency exceeds 30kHz.
Non-overlapping
For forbidding shoot-through, HIN or LIN is invalid when
HIN or LIN goes high state before other one. For
example, low-side gate state keeps low regardless of the
state of LIN when HIN is high at first, and vice versa.
Thermal Monitor
The junction temperature can be monitored by using
internal current mirror pass through internal diodes. The
related VTP equation can be approximated as below,
Adjustable Source/Sink Current
It's hard to meet all of EMI specifications in different
applications.
So,
AOZ9510QI
provides
external
adjustable resistors for tuning gate drive source and sink
current.
DSV1 and DVS2 are used to tune gate drive source and
sink current, respectively. A resistor connects between
each DVS pin and GND to setting gate drive source /sink
current by internal current mirror, as illustrated Figure 11.
Source and sink current use maximum capability to drive
when DVS pins are floating or the voltage on DVS pins
exceed 4V. User can get the same source and sink
capability by using DVS1 to design and DVS2 floating.
The suggestion range of RDVS is 20kΩ~100kΩ.
Figure 11. Source / Sink Current Setting
In addition, source and sink current controls are
implemented only during MOSFET Miller effect and VGS
>1V, as illustrated Figure 12.
Figure 12. Source/Sink Current Implement Waveform
mV
C
Temp
V
V
o
TP
6
)
25
(
9
.
1
DVS
1V
Sink
Source
1:2000:2000
DVS
DVS
R
V
I
1
RDVS
VGS
IHO/ILO
1V
Miller Effect
Setting by
DVS Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com