Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ9510QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 1 of 13
AOZ9510QI
28V/20A Smart Motor Module
General Description
The AOZ9510QI is an integrated half-bridge gate driver
with smart functions. The device includes one half-bridge
gate driver, capable of driving high-side and low-side N-
channel MOSFETs. Using two AOZ9510QI for single
phase motor driver and three AOZ9510QI for three
phase motor drivers.
The device features multiple protection functions such as
VCC UVLO, and over temperature protection. Moreover,
AOZ9510QI provides adjustable gate drive sink and
source current control. By doing this control, user can
optimize performances of EMI and efficiency.
The AOZ9510QI is available in a 4mm×4mm QFN-23L
package and is rated over a -40°C to +85°C ambient
temperature range.
Features
Input voltage range:
- 10.8V to 28V
Maximum output current 20A
Adjustable gate drive sink/source current
Junction temperature monitor
Support 100% PWM operation
Integrated bootstrap diode
Low RDS(ON) internal NFETs
- 6mΩ for both HS/LS
Thermal protection
VCC UVLO
Thermally enhanced 23-pin 4×4 QFN
Applications
BLDC motor drive
Fans and pumps
Power tools


Similar Part No. - AOZ9510QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
More results

Similar Description - AOZ9510QI

ManufacturerPart #DatasheetDescription
logo
EPCOS
B48611A5903Q012 EPCOS-B48611A5903Q012 Datasheet
232Kb / 4P
UltraCap, Module, 9F/28V
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
PULS GmbH
PIRD20.241 PULS-PIRD20.241 Datasheet
317Kb / 15P
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
12-28V, 20A, DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
24-28V, 20A, DUAL REDUNDANCY MODULE
logo
Alpha & Omega Semicondu...
AOZ2337CQI-01 AOSMD-AOZ2337CQI-01 Datasheet
1Mb / 24P
I2C Controllable 28V/20A Synchronous EZBuckTM Regulator
Rev 1.0 May 2020
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
AOZ9530QV AOSMD-AOZ9530QV Datasheet
1Mb / 13P
28 V/7 A Smart Motor Module
Rev. 2.0 August 2022
AOZ9551QV AOSMD-AOZ9551QV Datasheet
787Kb / 11P
56 V/12 A Smart Motor Module
Rev. 1.1 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com