Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ9510QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 4 of 13
AOZ9510QI
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings may damage the
device.
Note:
1. PGND to AGND transient (t<100ns) ----- -6.5V to 6.5V.
Maximum Operating Ratings
The device is not guaranteed to operate beyond the Maximum
Operating Ratings.
Parameter
Rating
VIN to AGND
-0.3V to 30V
VOUT to AGND
-0.3V to 30V
VB to AGND
-0.3V to 40V
DVS1, DVS2, VCC to AGND
-0.3V to 13.2V
HIN, LIN to AGND
-0.3V to 5.5V
PGND to AGND(1)
-0.3V to +1V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating
2kV
Parameter
Rating
Supply Voltage
(VIN)
10.8V to 28V
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance
(
JA)
(
JC)
32°C/W
4°C/W
Electrical Characteristics
TA = -40°C to 85°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
VCC
VIN= 12V, HIN/LIN = 0V
7.8
8
8.2
V
Line Regulation
VIN= 12V ~ 24V, HIN/LIN=0V
0.1
%/V
IVCC_short
Ivcc Short Current
VIN= 12V, HIN/LIN = 0V, Monitor IVCC
1mA
VUVLO_R
Vcc UVLO Rising
VIN= 12V, Vcc increase, Monitor DVS1
from low to high
77.5
8
V
VUVLO_F
Vcc UVLO Falling
VIN= 12V, Vcc decrease, Monitor DVS1
from high to low
5.2
V
VBUVLO_R
VB-VOUT UVLO Rising
VIN= 20V, VB-VOUT increase, HIN = High
Monitor VOUT from low to high
6.7
7.2
7.7
V
VBUVLO_F
VB-VOUT UVLO Falling
VIN= 20V, VB-VOUT decrease, HIN = High
Monitor VOUT from high to low
5.2
5.5
5.8
V
IVIN_QC
IVINQuiescent Current
HIN/LIN= 0V, Monitor VIN Current
2.4
mA
IVB-VOUT_QC
IVB-VOUTQuiescent Current
VIN=10.8V, HIN/LIN= 0V, VOUT = Floating,
VB-VOUT= 10V, Monitor VB-VOUT Current
25
µA
VHLIN_L
HIN/LIN Logic Low Voltage
VIN= 12V
1.2
V
VHLIN_H
HIN/LIN Logic High Voltage
VIN= 12V
2.2
V
RHLIN_IN
HIN/LIN Input Pull Low
Impedance
280
kΩ
tHIN_RP
HIN Rising Propagation Delay
VIN= 10.8V, DVS=20kΩ,
VOUT to GND=100Ω, HIN= Low to High,
Monitor HIN High TH to 10% VOUT
42
ns
tHIN_FP
HIN Falling Propagation Delay
VIN= 10.8V, DVS= 20kΩ,
VOUT to GND= 100Ω, HIN= High to Low,
Monitor HIN Low TH to 90% VOUT
87
ns
tLIN_RP
LIN Rising Propagation Delay
VIN= 10.8V, DVS= 20kΩ, VOUT to
VIN= 100Ω, LIN= Low to High,
Monitor LIN High TH to 90% VOUT
52
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com