Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ9510QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 5 of 13
AOZ9510QI
tLIN_FP
LIN Falling Propagation Delay
VIN= 10.8V, DVS= 20kΩ, VOUT to
VIN= 100Ω
, LIN= High to Low,
Monitor LIN Low TH to 10% VOUT
88.5
ns
TDM_R
Delay Matching Rising
Difference between tHIN_RP and tLIN_RP
10
ns
TDM_F
Delay Matching Falling
Difference between tHIN_FP and tLIN_FP
1.5
ns
VDVS
DVS
VIN= 12V, DVS to GND= 20kΩ
0.97
1
1.03
V
IDVS_MIN
DVS Min. Source Current
VIN= 12V, DVS= 4V
0.5
µA
IDVS_MAX
DVS Max. Source Current
VIN= 10.8V, DVS= 0.8V
140
µA
SRHIN_R
HIN Rising Slew Rate
(DVS= 20kΩ)
VIN= 10.8V, VOUT to GND= 100Ω,
HIN= Low to High,
Monitor VOUT Rising Slew Rate
1.43
V/ns
SRHIN_F
HIN Falling Slew Rate
(DVS = 20kΩ)
VIN= 10.8V, VOUT to GND= 100Ω,
HIN= High to Low, Monitor VOUT Falling
Slew Rate
0.022
V/ns
SRLIN_R
LIN Rising Slew Rate
(DVS= 20kΩ)
VIN= 10.8V, VOUT to VIN= 00Ω,
LIN= High to Low Monitor VOUT Rising
Slew Rate
0.027
V/ns
SRLIN_F
LIN Falling Slew Rate
(DVS= 20kΩ)
VIN= 10.8V, VOUT to VIN= 100Ω,
LIN= Low to High, Monitor VOUT Falling
Slew Rate
1.02
V/ns
RH_ON
VIN-VOUT RON
VIN= 12V, HIN= 5V,
VB-VOUT= 8V, VOUT= 1A
6mΩ
RL_ON
VOUT-PGND RON
VIN= 12V, LIN= 5V, PGND= 0, VOUT= 1A
6mΩ
VSD
Boost Diode Forward Voltage
Forward Current= 2mA
0.15
V
TOTP
Over Temperature Protection
VIN= 12V
150
°C
VTP
VTP_25°C
VIN= 12V at 25°C
1.9
V
VTP_125°C
VIN= 12V at 125°C
1.3
V
Electrical Characteristics
TA = -40°C to 85°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com