Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 10 of 13
AOZ9510QI
Layout Considerations
Several layout tips are listed below for the best electric
and thermal performance.
1. The VIN pins and pad are connected to internal high
side switch drain. They are also low resistance
thermal conduction path. Connected a large copper
plane to VIN pins to help thermal dissipation.
2. Input capacitors should be connected to the VIN pins
and the PGND pins as close as possible to reduce
the switching spikes.
3. The VOUT pins and pad are connected to internal
low side switch drain. They are low resistance
thermal conduction path and most noisy switching
node. Connected a large copper plane to VOUT pins
to help thermal dissipation.
4. Decoupling capacitor CVCC should be connected to
VCC and AGND as close as possible.
5. Bootstrap capacitor CB should be connected to VB
and VOUT as close as possible.
6. A ground plane is preferred; PGND and AGND must
be connected to the ground plane through vias.
7. Keep sensitive signal traces such as feedback trace
and digital signals far away from the VOUT pins.
Figure 13. Layout Placement
1
VIN
VOUT
2
3
4
5
6
VOUT
DVS2
DVS1
NC
HIN
LIN
VTP
PGND
16
15
13
12
14
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com