Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9510QI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ9510QI
Description  28V/20A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9510QI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ9510QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9510QI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.3 September 2022
www.aosmd.com
Page 3 of 13
AOZ9510QI
Ordering Information
All AOS Products are offering in packaging with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
23-Pin 4mm x 4mm QFN
(Top View)
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ9510QI
-40°C to +85°C
23-Pin 4x4 QFN
RoHS
Pin Number
Pin Name
Pin Function
1
DVS2
Adjustable gate drive sink current.
2
DVS1
Adjustable gate drive source current.
3
NC
No connect, keep it floating.
4
HIN
PWM input for high-side MOSFET.
5
LIN
PWM input for low-side MOSFET.
6
VTP
Junction temperature monitor
7, 8, 9, 22
VIN
Supply input. All IN pins must be connected together.
10,11,16,17,18
VOUT
Motor drive output.
12, 13, 14, 15
PGND
Power ground. Reserved one 0603 X7R ceramic capacitor (0.1uF~1uF) between PGND and
AGND is needed.
19
VB
Bootstrap capacitor connection. Connect an external capacitor between VB and VOUT for
supplying high-side MOSFET.
20
VCC
Supply input for analog functions. Bypass VCC to AGND with a 0.1uF~10uF ceramic capac-
itor and as close to VCC pin as possible.
21
NC
No connect, keep it floating.
23
AGND
Analog ground.
1
2
3
4
5
6
DVS2
DVS1
NC
HIN
LIN
VTP
16
15
13
12
VOUT
VOUT
VOUT
PGND
PGND
VIN
14
PGND
17
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com