Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ9511QV Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ9511QV
Download  AOZ9511QV Download
File Size   1056.53 Kbytes
Page   13 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28 V/20 A Smart Motor Module

AOZ9511QV Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ9511QV Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ9511QV
Download  AOZ9511QV Click to download

File Size   1056.53 Kbytes
Page   13 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28 V/20 A Smart Motor Module

AOZ9511QV Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ9511QV Product details

General Description
The AOZ9511QV is an integrated half-bridge gate driver with
smart functions. The device includes one half-bridge gate
driver, capable of driving high-side and low-side N-channel
MOSFETs. Using two AOZ9511QV for single phase motor
drivers and three AOZ9511QV for three phase motor drivers.
The device features multiple protection functions such
as UVLO and over temperature protection. Moreover,
AOZ9511QV provides adjustable gate drive sink and source
current control. By using this control, the user can optimize
performances of EMI and efficiency.
The AOZ9511QV is available in a 4 mm×4mm QFN-23L
package and is rated over a - 40°C to +125°C ambient
temperature range.

Features
• 3.8 V to 28 V Input voltage range
• 20 A Maximum output current
• Low RDS(ON) internal NFETs
- 7.5 mΩ for Both HS/LS
• Adjustable slew-rate control to improve
Radiation EMI performance
• Build-in protect function – UVLO, OTP
• Thermally enhanced 23-pin 4×4 QFN

Applications
• BLDC motor drive
• Fans and pumps
• Power tools




Similar Part No. - AOZ9511QV

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
More results


Similar Description - AOZ9511QV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
Texas Instruments
TPSM84203 TI1-TPSM84203 Datasheet
303Kb / 20P
1.5-A, 28-V Input, TO-220 Power Module
logo
ON Semiconductor
NFVA35065L32 ONSEMI-NFVA35065L32 Datasheet
675Kb / 15P
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFVA34065L32 ONSEMI-NFVA34065L32 Datasheet
889Kb / 14P
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9530QV AOSMD-AOZ9530QV Datasheet
1Mb / 13P
28 V/7 A Smart Motor Module
Rev. 2.0 August 2022
AOZ9551QV AOSMD-AOZ9551QV Datasheet
787Kb / 11P
56 V/12 A Smart Motor Module
Rev. 1.1 January 2022
logo
ON Semiconductor
NFVF97565L1ZT1 ONSEMI-NFVF97565L1ZT1 Datasheet
634Kb / 12P
ASPM16 Series for Exciter Motor Application Automotive 650 V 75 A Smart Power Module
July, 2023 - Rev. 0
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com