Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ9511QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 1 of 13
General Description
The AOZ9511QV is an integrated half-bridge gate driver with
smart functions. The device includes one half-bridge gate
driver, capable of driving high-side and low-side N-channel
MOSFETs. Using two AOZ9511QV for single phase motor
drivers and three AOZ9511QV for three phase motor drivers.
The device features multiple protection functions such
as UVLO and over temperature protection. Moreover,
AOZ9511QV provides adjustable gate drive sink and source
current control. By using this control, the user can optimize
performances of EMI and efficiency.
The AOZ9511QV is available in a 4mm×4mm QFN-23L
package and is rated over a -40°C to +125°C ambient
temperature range.
Features
• 3.8V to 28V Input voltage range
• 20AMaximum output current
• Low RDS(ON) internal NFETs
- 7.5mΩ for Both HS/LS
• Adjustable slew-rate control to improve
Radiation EMI performance
• Build-in protect function – UVLO, OTP
• Thermally enhanced 23-pin 4×4 QFN
Applications
• BLDC motor drive
• Fans and pumps
• Power tools
Green
Product
Typical Application
V
IN
AOZ9511QV
DVS
PGND
HIN
LIN
PWMH1
VB
VOUT
PWML1
AGND
VCC
VIN
V
CC
LDO
V
CC
V
IN
AOZ9511QV
DVS
PGND
HIN
LIN
PWMH2
VB
VOUT
PWML2
AGND
VCC
VIN
V
CC
LDO
V
CC
V
IN
AOZ9511QV
DVS
PGND
HIN
LIN
PWMH3
VB
VOUT
PWML3
AGND
VCC
VIN
V
CC
LDO
V
CC
ALPHA & OMEGA
SEMIC ONDUCT OR
AOZ9511QV
28V/20A Smart Motor Module


Similar Part No. - AOZ9511QV

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
More results

Similar Description - AOZ9511QV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
Texas Instruments
TPSM84203 TI1-TPSM84203 Datasheet
303Kb / 20P
1.5-A, 28-V Input, TO-220 Power Module
logo
ON Semiconductor
NFVA35065L32 ONSEMI-NFVA35065L32 Datasheet
675Kb / 15P
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFVA34065L32 ONSEMI-NFVA34065L32 Datasheet
889Kb / 14P
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9530QV AOSMD-AOZ9530QV Datasheet
1Mb / 13P
28 V/7 A Smart Motor Module
Rev. 2.0 August 2022
AOZ9551QV AOSMD-AOZ9551QV Datasheet
787Kb / 11P
56 V/12 A Smart Motor Module
Rev. 1.1 January 2022
logo
ON Semiconductor
NFVF97565L1ZT1 ONSEMI-NFVF97565L1ZT1 Datasheet
634Kb / 12P
ASPM16 Series for Exciter Motor Application Automotive 650 V 75 A Smart Power Module
July, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com