Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 9 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Detailed Description
The AOZ9511QV is an integrated half-bridge gate driver
for motor drive applications. The device includes one
half-bridge gate driver, capable of driving high-side and
low-side N-channel MOSFETs. The AOZ9511QV provides
adjustable source/sink current of both high/low-side gate
drive output current which can optimize performances of EMI
and efficiency on different PCB layout and applications.
The AOZ9511QV provides adjustable gate drive sink and
source current control, by doing this control methodology, it’s
able to optimize EMI and driver losses to improve overall
efficiency performance.
Inaddition,theAOZ9511QVprovidesseveralfaultprotections,
such as UVLO, OTP and non-overlapping mechanism.
The AOZ9511QV is available in a 23-pin 4mm×4mm QFN
package.
Non-overlapping
For forbidding shoot-through, HIN or LIN is invalid when
HIN or LIN goes high state before other one. For example,
low-side gate state keeps low regardless of the state of LIN
when HIN is high at first, and vice versa.
Fault Protection
In order to protect power MOSFETs, over temperature
protection (OTP) is implemented. AOZ9511QV will be
shutdown when OTP is occurred until VCC is reset. The
threshold of OTP is 140°C.
Adjustable Source/Sink Current
It’s hard to meet all of EMI specifications in different
applications. So, AOZ9511QV provides external adjustable
resistors for tuning gate drive source and sink current.
DVS is used to tune gate drive source and sink current,
respectively. A resistor connects between DVS pin and GND
to setting gate drive source/sink current by internal current
mirror, as illustrated Figure 13. Source and sink current use
maximum capability to drive when DVS pin is floating or the
voltage on DVS pin exceeds 4V. The suggestion range of
RDVS is 10kΩ~100kΩ.
DVS
1V
Sink
Source
1:2000:2000
DVS
DVS
R
V
I
1
=
RDVS
Figure 13. Source/Sink Current Setting
In addition, source and sink current controls are implemented
only during MOSFET Miller effect and VGS >1V, as illustrated
in Figure 14.
V
GS
I
HO/ILO
1V
Miller Effect
Setting by
DVS Pin
Figure 14. Source/Sink Current Implement Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com