Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 10 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Layout Considerations
Several layout tips are listed below for the best electric and
thermal performance.
1. The VIN pins and pad are connected to internal high
side switch drain. They are also low resistance thermal
conduction path. Connected a large copper plane to VIN
pins to help thermal dissipation.
2. Input capacitors should be connected to the VIN pins
and the PGND pins as close as possible to reduce the
switching spikes.
3. The VOUT pins and pad are connected to internal low
side switch drain. They are low resistance thermal
conduction path and most noisy switching node.
Connected a large copper plane to VOUT pins to help
thermal dissipation.
4. Decoupling capacitor CVCC should be connected to VCC
and AGND as close as possible.
5. Bootstrap capacitor CB should be connected to VB and
VOUT as close as possible.A ground plane is preferred.
PGND and AGND must be connected to the ground
plane through vias.
6. A ground plane is preferred. PGND and AGND must be
connected to the ground plane through vias
7. Keep sensitive signal traces such as feedback trace and
digital signals far away from the VOUT pins.
LIN
1
2
3
4
5
6
NC
DVS
NC
HIN
NC
16
15
13
12
VOUT
VOUT
VOUT
VIN
14
17
PGND
C
VCC
C
B
Figure 15. Layout Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com