Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ9511QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 7 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Typical Characteristics
Rev. 1.1 January 2022
www.aosmd.com
Page 7 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
VIN = 10 V
VIN = 20 V
VIN = 28 V
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
Figure 3. VCC UVLO Rising Threshold
VIN = 10 V
VIN = 20 V
VIN = 28 V
3.5
3.7
3.9
4.1
4.3
4.5
4.7
Temperature (°C)
-50 -30 -10 10 30 50 70 90 110 130
Figure 4. VB-VOUT UVLO Falling Threshold
VIN = 10 V
VIN = 20 V
VIN = 28 V
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
Figure 5. VCC UVLO Falling Threshold
VIN = 10 V
VIN = 20 V
VIN = 28 V
0
50
100
150
200
250
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
Figure 6. Input Standby Current
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
VIN = 10 V
VIN = 20 V
VIN = 28 V
4
4.1
4.2
4.3
4.4
4.5
4.6
Figure 7. VB-VOUT UVLO Rising Threshold
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
VIN = 10 V
VIN = 20 V
VIN = 28 V
0
100
200
300
400
500
600
Figure 8. VCC Standby Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com