Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ9511QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 4 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Electrical Characteristics
TA = -40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
DM_R
Delay Matching Rising
Difference between tHIN_RP and tLIN_RP
4
ns
T
DM_F
Delay Matching Falling
Difference between tHIN_FP and tLIN_FP
11
ns
V
DVS
DVS
VIN=12V, VCC=5V, DVS=20kΩ
0.97
1
1.03
V
I
DVS_MIN
DVS Min. Source Current
VIN=12V, VCC=5V, DVS=4V
0.5
μA
I
DVS_MAX
DVS Max. Source Current
VIN=12V, VCC=5V, DVS=0.8V
140
μA
SRHIN_R
HIN Rising Slew Rate
(DVS=20kΩ)
VIN=10V, VCC=5V, VOUT to
GND=100Ω, HIN=Low to High, Monitor
VOUT Rising Slew Rate
0.4
V/ns
SRHIN_F
HIN Falling Slew Rate
(DVS=20kΩ)
VIN=10V, VCC=5V, VOUT to
GND=100Ω, HIN=High to Low, Monitor
VOUT Falling Slew Rate
0.05
V/ns
SRLIN_R
LIN Rising Slew Rate
(DVS=20kΩ)
VIN=10V, VCC=5V, VOUT to
VIN=100Ω, LIN=High to Low, Monitor
VOUT Rising Slew Rate
0.5
V/ns
SRLIN_F
LIN Rising Slew Rate
(DVS=20kΩ)
VIN=10V, VCC=5V, VOUT to
VIN=100Ω, LIN=Low to High Monitor
VOUT Falling Slew Rate
0.4
V/ns
R
H_ON
VIN-VOUT RON
VIN=12V, VCC=5V, HIN=5V,
(VB -VOUT)=5V, IVOUT=1A
7.5
R
L_ON
VOUT-PGND RON
VIN=12V, VCC=5V, LIN=5V,
PGND=0, IVOUT=1A
7.5
V
SD
Boost Diode Forward Voltage
Forward Current=2mA
0.42
V
T
OTP
OTP
VIN=12V, VCC=5V
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com