Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ9511QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 3 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Electrical Characteristics
TA = -40°C to +125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
VUVLO_R
VCC UVLO Rising
VIN=12V, VCC increase, Monitor
DVS from low to high
4.3
V
VUVLO_F
VCC UVLO Falling
VIN=12V, VCC decrease, Monitor
DVS from high to low
4.2
V
VBUVLO_R
VB-VOUT UVLO Rising
VIN=20V, (VB -VOUT) increase,
Monitor VOUT from low to high
4.3
V
VBUVLO_F
VB-VOUT UVLO Falling
VIN=20V, (VB -VOUT) decrease,
Monitor VOUT from high to low
4.2
V
IVIN_QC
IVIN Quiescent Current
VIN=12V, VCC=5V, HIN=LIN=0V,
DVS=100kΩ
20
μA
IVCC_QC
IVCC Quiescent Current
VIN=12V, VCC=5V, HIN=LIN=0V,
DVS=100kΩ
180
μA
IVB-VOUT_QC
IVB-VOUT Quiescent Current
HIN/LIN=0V, VOUT=1V,
(VB-VOUT)=5V,
40
mA
VHLIN_L
HIN/LIN Logic Low Voltage
VIN=12V
0.7
0.9
1.1
V
VHLIN_H
HIN/LIN Logic High Voltage
VIN=12V
1.2
1.4
1.6
V
RHLIN_IN
HIN/LIN Input Pull Low Impedance
280
tHIN_RP
HIN Rising Propagation Delay
VIN=10V, VCC=5V, DVS=20kΩ,
VOUT to GND=100Ω, HIN=Low to
High, Monitor VOUT Low to High
62
87
110
ns
tHIN_FP
HIN Falling Propagation Delay
VIN=10V, VCC=5V, DVS=20kΩ,
VOUT to GND=100Ω, HIN=High to
Low, Monitor VOUT High to Low
60
86
110
ns
tLIN_RP
LIN Rising Propagation Delay
VIN=10V, VCC=5V, DVS=20kΩ,
VOUT to GND=100Ω, LIN=Low to
High, Monitor VOUT High to Low
72
91
105
ns
tLIN_FP
LIN Falling Propagation Delay
VIN=10V, VCC=5V, DVS=20kΩ,
VOUT to GND=100Ω, LIN=High to
Low, Monitor VOUT Low to High
50
75
95
ns
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Parameter
Rating
VIN to AGND
-0.3V to +30V
VOUT to GND
-0.3V to +30V
VB to AGND
-0.3V to +40V
VB to VOUT
-0.3V to +6V
DVS, VCC to AGND
-0.3V to +6V
PGND to AGND
-0.3V to +1V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating
±2kV
Recommended Operating Conditions
The device is not guaranteed to operate beyond the
Maximum Recommended Operating Conditions.
Parameter
Rating
Supply Voltage (VIN)
3.8V to 28V
Supply Voltage (VCC)
4.75V to 5.5V
Ambient Temperature (TA)
-40°C to +125°C
Package Thermal Resistance
(ΘJC)
(ΘJA)
0.6°C/W
40°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com