Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9511QV Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ9511QV
Description  28 V/20 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9511QV Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ9511QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9511QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 1.1 January 2022
www.aosmd.com
Page 2 of 13
AOZ9511QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Ordering Information
Part Number
Ambient Temperature Range
Package
Environmental
AOZ9511QV
-40 °C to +125 °C
23-Pin 4×4 QFN
RoHS
Green
Product
AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
1
2
3
4
5
6
NC
DVS
NC
HIN
LIN
NC
16
15
13
12
VOUT
VOUT
VOUT
PGND
PGND
VIN
14
PGND
17
PGND
Figure 1. AOZ9511QV 23-Pin 4mm x 4mm QFN
Pin Description
Pin Number
Pin Name
Pin Function
1
NC
No Connect.
2
DVS
Slew-Rate Control to Adjust Driver Speed of Internal MOSFET.
3
NC
No Connect.
4
HIN
PWM Input for High-Side MOSFET.
5
LIN
PWM Input for Low-Side MOSFET.
6
NC
No Connect.
7, 8, 9, 22
VIN
Supply Input. All IN pins must be connected together.
10, 11, 16, 17, 18
VOUT
Switching Node for Half-Bridge. All VOUT must be connected together.
12, 13, 14, 15
PGND
Power Ground.
19
VB
Bootstrap Capacitor Connection. Connect an external capacitor between VB and VOUT for
supplying high-side MOSFET.
20
VCC
Supply Input for Analog Functions. Bypass VCC to AGND with a 0.1μF~10μF ceramic capacitor
and as close to VCC pin as possible.
21
NC
No Connect.
23
AGND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com