Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ9530QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 6 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Typical Characteristics
6.5
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
-50
-30
-10
10
30
50
70
90
110 130
6.5
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
-50
-30
-10
10
30
50
70
90
110 130
VIN = 10 V
VIN = 20 V
VIN = 28 V
6.5
6.7
6.9
7.3
7.5
7.7
8.1
8.5
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
8.3
7.9
7.1
Figure 2. VCC UVLO Rising Threshold
6
6.5
7
7.5
8
8.5
-50
-30
-10
10
30
50
70
90
110
130
6
6.5
7
7.5
8
8.5
-50 -30 -10 10 30 50 70 90 110
130
VIN = 10V
VIN = 20V
VIN = 28V
6
6.5
7
7.5
8
8.5
Temperature (°C)
-50 -30 -10 10 30 50 70 90 110 130
Figure 3. VB-VOUT UVLO Rising Threshold
4
4.5
5
5.5
6
6.5
-50 -30 -10 10
30
50
70
90 110 130
VIN = 10V
VIN = 20V
VIN = 28V
4
4.5
5
5.5
6
6.5
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
Figure 4. VCC UVLO Falling Threshold
4
4.5
5
5.5
6
6.5
7
7.5
8
-50 -30 -10 10
30
50
70
90 110 130
VIN = 10 V
VIN = 20 V
VIN = 28 V
4
4.5
5
5.5
7
8
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
7.5
6.5
6
Figure 5. VB-VOUT UVLO Falling Threshold
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
7
7.2
7.4
7.8
8.2
8.6
9
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
VIN = 10 V
VIN = 20 V
VIN = 28 V
8.8
8.4
8
7.6
Figure 6. VCC Regulation
-50 -30 -10 10 30 50 70 90 110 130
Temperature (°C)
1
1.5
2
2.5
3
3.5
4
-50 -30 -10 10
30
50
70
90 110 130
VIN = 10 V
VIN = 20 V
1
1.5
2
2.5
3
3.5
4
VIN = 28 V
Figure 7. Input Standby Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com