Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 8 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Detailed Description
The AOZ9530QV is an integrated half-bridge gate driver
for motor drive applications. The device includes one
half-bridge gate driver, capable of driving high-side and
low-side N-channel MOSFETs. The AOZ9530QV provides
adjustable source/sink current of both high/low-side gate
drive output current which can optimize performances of
EMI and efficiency on different PCB layout and applications.
In addition, the AOZ9530QV provides several fault
protections, such as OCP, UVLO, SCP, OTP and
non-overlapping mechanism.
The AOZ9530QV is available in 18-pin 3mm×3mm QFN
package.
Input Power Architecture
The AOZ9530QV integrates an internal linear regulator to
generate 8V (±3%) VCC from input pins. If input voltage
is lower than 5.1V, the linear regulator will be triggered
VB-VOUT UVLO. The VCC maximum source current is
1mA. Therefore, extra external source is needed when
operation switching frequency exceeds 30kHz.
Non-overlapping
For forbidding shoot-through, HIN or LIN is invalid when
HIN or LIN goes high state before other one. For example,
low-side gate state keeps low regardless of the state of LIN
when HIN is high at first, and vice versa.
So when shoot-through occurs, VOUT will follow the previous
normal state, as illustrated Figure 12.
HIN
LIN
VO
Shoot-through
Correct state
Figure 12. Shoot-through Behavior
Fault Protection
Over Current Protection (OCP)
There are fixed OCP/SCP points on AOZ9530QV
IOCP=14A and ISCP=28A.
The time point of OCP detection is 1μs (debounce time)
after the rising edge of HIN. If the current exceeds the IOCP,
the internal counter will start counting, as illustrated Figure
13. When 14 consecutive OCPs are detected, the high side
MOSFET will be turned off on the 14th time and the low side
MOSFET is turned on. This behavior is called current limit.
When the current is less than 0.8*IOCP, the current limit is
released.
1
2
3
13
14
12
HIN
LIN
VO
I
1us
I_OCP
0.8*I_OCP
Counter
De-bounce time
Current limit release
Figure 13. OCP timing diagram
Short Current Protection (SCP)
If the current is greater than SCP point, AOZ9530QV enters
SCP, VTP pin will be pulled high, and then AOZ9530QV
enters latch, VCC needs to be reset to return to normal
operation state.
Over Temperature Protection (OTP)
When the junction temperature reach 140°C, AOZ9530QV
enters OTP, and release when the temperature drops to
120°C.
Adjustable Source/Sink Current
It's hard to meet all of EMI specifications in different
applications. So, AOZ9530QV provides external adjustable
resistors for tuning gate drive source and sink current.
DVS is used to tune gate drive source and sink current,
respectively. A resistor connects between DVS pin and GND
to setting gate drive source/sink current by internal current
mirror, as illustrated Figure 14. Source and sink current use
maximum capability to drive when DVS pin is floating or the
voltage on DVS pin exceed 4V. The suggestion range of
RDVS is 20kΩ~100kΩ.
DVS
1V
Sink
Source
1:2000:2000
DVS
DVS
R
V
I
1
=
RDVS
Figure 14. Source/Sink Current Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com