Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ9530QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 1 of 13
General Description
The AOZ9530QV is an integrated half-bridge gate driver with
smart functions. The device includes one half-bridge gate
driver, capable of driving high-side and low-side N-channel
MOSFETs. Using two AOZ9530QV for single phase motor
driver and three AOZ9530QV for three phase motor drivers.
The device features multiple protection functions such as
over current protection, short circuit protection, and over
temperature protection. Moreover, AOZ9530QV provides
adjustable gate drive sink and source current control. By
doing this control, user can optimize performances of EMI
and efficiency.
The AOZ9530QV is available in a 3mm×3mm QFN-18L
package and is rated over a -40°C to +125°C ambient
temperature range.
Features
• Input voltage range:
- 10.8V to 28V
• Maximum Output Current 7A
• Adjustable Gate Drive Sink/Source Current
• Support 100% PWM Operation
• Integrated Bootstrap Diode
• Low RDS(ON) internal NFETs
- 11mΩ for Both HS/LS
• Thermal Protection
• Over Current Protection
• Short Circuit Protection
• Thermally enhanced 18-pin 3×3 QFN
Applications
• BLDC Motor Drive
• Fans and Pumps
• Power Tools
Typical Application (Three Phases)
AOZ9530QV
DVS
VCC
HIN
LIN
VIN
PWMH1
VB
VOUT
PWML1
AGND
PGND
AOZ9530QV
DVS
VCC
HIN
LIN
VIN
PWMH2
VB
VOUT
PWML2
AGND
PGND
AOZ9530QV
DVS
VCC
HIN
LIN
VIN
PWMH3
VB
VOUT
PWML3
AGND
PGND
Green
Product
ALPHA & OMEGA
SEMIC ONDUCT OR
AOZ9530QV
28V/7A Smart Motor Module


Similar Part No. - AOZ9530QV

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
AOZ9551QV AOSMD-AOZ9551QV Datasheet
787Kb / 11P
56 V/12 A Smart Motor Module
Rev. 1.1 January 2022
More results

Similar Description - AOZ9530QV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
Texas Instruments
TPSM84203 TI1-TPSM84203 Datasheet
303Kb / 20P
1.5-A, 28-V Input, TO-220 Power Module
logo
ON Semiconductor
NFVA35065L32 ONSEMI-NFVA35065L32 Datasheet
675Kb / 15P
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFVA34065L32 ONSEMI-NFVA34065L32 Datasheet
889Kb / 14P
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
AOZ9551QV AOSMD-AOZ9551QV Datasheet
787Kb / 11P
56 V/12 A Smart Motor Module
Rev. 1.1 January 2022
logo
ON Semiconductor
NFVF97565L1ZT1 ONSEMI-NFVF97565L1ZT1 Datasheet
634Kb / 12P
ASPM16 Series for Exciter Motor Application Automotive 650 V 75 A Smart Power Module
July, 2023 - Rev. 0
logo
Texas Instruments
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com