Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ9530QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 3 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Electrical Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
VCC
VIN = 12V, HIN/LIN=0V
7.4
8
8.6
V
Line Regulation
VIN = 12 V~24V, HIN/LIN=0V
0.1
%/V
IVCC_short
IVCC Short Current
VIN = 24V, HIN/LIN=0V, Monitor
IVCC
1
mA
VUVLO_R
VCC UVLO Rising
VIN = 12V, VCC increase,
Monitor DVS from low to high
6.9
7.5
8.1
V
VUVLO_F
VCC UVLO Falling
VIN=12V, VCC decrease,
Monitor DVS from high to low
4.7
5.1
5.6
V
VBUVLO_R
VB-VOUT UVLO Rising
VIN=20V, VB-VOUT increase,
HIN=high, Monitor VOUT from
low to high
5.8
7.2
8.4
V
VBUVLO_F
VB-VOUT UVLO Falling
VIN=20V, VB-VOUT decrease,
HIN=high, Monitor VOUT from
high to low
4.4
5.5
6.3
V
IVIN_ST
IVIN Standby Current
HIN/LIN=0V, Monitor VIN
Current
1.5
mA
IVB-VOUT_ST
IVB-VOUT Standby Current
VIN=10V, HIN/LIN=0V,
VOUT=0V, VB-VOUT=8V,
Monitor VB-VOUT Current
25
μA
VHLIN_L
HIN/LIN Logic Low Voltage
VIN=12V
0
1.2
V
VHLIN_H
HIN/LIN Logic High Voltage
VIN=12V
2.2
5.5
V
RHLIN_IN
HIN/LIN Input Pull Low Impedance
280
kΩ
t
HIN_RP
HIN Rising Propagation Delay
VIN=10V, DVS=20kΩ, VOUT
to GND=100Ω, HIN=low to
high, Monitor HIN high TH to 10%
VOUT
40
ns
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Parameter
Rating
VIN to AGND
-0.3V to 30V
VOUT to AGND
-0.3V to 30V
VOUT to AGND (Transient, 30ns)
-7V to VIN+7V
VB to AGND
-0.3V to 40V
DVS, VCC to AGND
-0.3V to 13.2V
HIN, LIN to AGND
-0.3V to 5.5V
PGND to AGND
-0.3V to +0.3V
PGND to AGND (Transient, 100ns)
-6.5V to 6.5V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating
2kV
Recommended Operating Conditions
The device is not guaranteed to operate beyond the
Maximum Recommended Operating Conditions.
Parameter
Rating
Supply Voltage (VIN)
10V to 28V
Ambient Temperature (TA)
-40°C to +125°C
Package Thermal Resistance
ΘJA
ΘJC
40°C/W
6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com