Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ9530QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 2 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Ordering Information
Part Number
Temperature Range
Package
Environmental
AOZ9530QV
-40 °C to +125 °C
QFN3x3-18L
Green
Green
Product
AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
1
2
3
4
5
10
11
12
13
14
HIN
LIN
NC
VIN
VIN
PGND
PGND
PGND
VOUT
VOUT
VIN
VOUT
Figure 1. AOZ9530QV
QFN3x3-18L
Pin Description
Pin Number
Pin Name
Pin Function
1
HIN
PWM input for high-side MOSFET.
2
LIN
PWM input for low-side MOSFET.
3
NC
No connect.
4, 5, 6, 7, 8
VIN
Supply input. All VIN pins must be connected together.
9, 13, 14
VOUT
Motor drive output. All VOUT pins must be connected together.
10, 11, 12
PGND
Power ground.
15
VB
Bootstrap capacitor connection. Connect an external capacitor between VB and VOUT for
supplying high-side MOSFET.
16
VCC
Supply input for analog functions. Bypass VCC to AGND with a 0.1μF~10μF ceramic capacitor
and as close to VCC pin as possible.
17
AGND
Analog ground.
18
DVS
Adjustable gate drive source/sink current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com