Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ9530QV Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ9530QV Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 4 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Electrical Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
HIN_FP
HIN Falling Propagation Delay
VIN=10V, DVS=20kΩ, VOUT to
GND=100Ω, HIN=High to Low,
Monitor HIN High TH to 90% VOUT
60
ns
t
LIN_RP
LIN Rising Propagation Delay
VIN=10V, DVS=20kΩ, VOUT
to VIN=100Ω, LIN=High to Low,
Monitor LIN Low TH to 10% VOUT
70
ns
t
LIN_FP
LIN Falling Propagation Delay
VIN=10V, DVS=20kΩ, VOUT
to VIN=100Ω, LIN=Low to High,
Monitor LIN High TH to 90% VOUT
40
ns
TDM_R
Delay Matching Rising
Difference between
t
HIN_RP, tLIN_RP
30
ns
TDM_F
Delay Matching Falling
Difference between
t
HIN_FP, tLIN_FP
20
ns
VDVS
DVS
VIN=12V, DVS to GND=20kΩ
1
V
IDVS_MIN
DVS Min. Source Current
VIN=12V, DVS =4V
0.5
μA
IDVS_MAX
DVS Max. Source Current
VIN=12V, DVS =0.8V
140
μA
RH_ON
VIN-VOUT RON
VIN=12V, HIN=5V, VB-VOUT=8V,
IVOUT=1A
11
RL_ON
VOUT-PGND RON
VIN=12V, LIN=5V, PGND=0,
IVOUT=1A
11
VSD
Boost Diode Forward Voltage
Forward Current=2mA
0.15
V
TOTP
Over Temperature Protection
VIN=12V
140
°C
IOCP
Over Current Protection
VIN=12V
14
A
ISCP
Short Current Protection
VIN=12V
28
A
tOC
OCP/SCP Deglitch Time
VIN=12V
1.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com