Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet(PDF) 57 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 53Page - STMicroelectronics LIS2DUX12 Datasheet HTML 54Page - STMicroelectronics LIS2DUX12 Datasheet HTML 55Page - STMicroelectronics LIS2DUX12 Datasheet HTML 56Page - STMicroelectronics LIS2DUX12 Datasheet HTML 57Page - STMicroelectronics LIS2DUX12 Datasheet HTML 58Page - STMicroelectronics LIS2DUX12 Datasheet HTML 59Page - STMicroelectronics LIS2DUX12 Datasheet HTML 60Page - STMicroelectronics LIS2DUX12 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
8.44
FIFO_DATA_OUT_Z_L (45h) and FIFO_DATA_OUT_Z_H (46h)
FIFO data output Z (R)
Table 109. FIFO_DATA_OUT_Z_H and FIFO_DATA_OUT_Z_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 110. FIFO_DATA_OUT_Z_H and FIFO_DATA_OUT_Z_L register description
D[15:0]
FIFO Z-axis output
8.45
FIFO_BATCH_DEC (47h)
R/W
Table 111. FIFO_BATCH_DEC register
0
0
0
DEC_TS_
BATCH_1
DEC_TS_
BATCH_0
BDR_XL_2
BDR_XL_1
BDR_XL_0
Table 112. FIFO_BATCH_DEC register description
DEC_TS_BATCH_[1:0]
Selects decimation for timestamp batching in FIFO. The write rate is the accelerometer BDR divided
by the decimation decoder.
(00: Timestamp not batched in FIFO (default);
01: Decimation 1: BDR_XL[Hz];
10: Decimation 8: BDR_XL[Hz]/8 [Hz];
11: Decimation 32: BDR_XL[Hz]/32 [Hz])
BDR_XL_[2:0]
Selects the batch data rate (write frequency in FIFO) for accelerometer data, see Table 113.
Table 113. Accelerometer batch data rate
BDR_XL_[2:0]
Accelerometer batch frequency
000
ODR (default)
001
ODR/2
010
ODR/4
011
ODR/8
100
ODR/16
101
ODR/32
110
ODR/64
111
Accelerometer not batched in FIFO
LIS2DUX12
FIFO_DATA_OUT_Z_L (45h) and FIFO_DATA_OUT_Z_H (46h)
DS14071 - Rev 2
page 57/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com