Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet(PDF) 58 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 54Page - STMicroelectronics LIS2DUX12 Datasheet HTML 55Page - STMicroelectronics LIS2DUX12 Datasheet HTML 56Page - STMicroelectronics LIS2DUX12 Datasheet HTML 57Page - STMicroelectronics LIS2DUX12 Datasheet HTML 58Page - STMicroelectronics LIS2DUX12 Datasheet HTML 59Page - STMicroelectronics LIS2DUX12 Datasheet HTML 60Page - STMicroelectronics LIS2DUX12 Datasheet HTML 61Page - STMicroelectronics LIS2DUX12 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
8.46
TAP_CFG0 (6Fh)
R/W
Table 114. TAP_CFG0 register
AXIS1
AXIS0
INVERT_T4
INVERT_T3
INVERT_T2
INVERT_T1
INVERT_T0
-
Table 115. TAP_CFG0 register description
AXIS[1:0]
Selection of axis for tap event research:
(00: no axis (default);
01: X-axis;
10: Y-axis;
11: Z-axis)
INVERT_T[4:0]
These bits enable the search of the inverted peak by selecting the maximum number of samples between the
first and second (inverted) peak in tap detection.
(0: disabled)
1 LSB = 1 sample (maximum 31 samples)
8.47
TAP_CFG1 (70h)
R/W
Table 116. TAP_CFG1 register
PRE_STILL
_THS3
PRE_STILL
_THS2
PRE_STILL
_THS1
PRE_STILL
_THS0
POST_STILL
_T3
POST_STILL
_T2
POST_STILL
_T1
POST_STILL
_T0
Table 117. TAP_CFG1 register description
PRE_STILL_THS[3:0](1) Threshold for stationary condition before shock. 1 LSB = 62.5 mg (maximum 937.5 mg)
POST_STILL_T[3:0]
Number of samples during stationary condition after shock and wait phases. These bits are used
together with POST_STILL_T[5:4] in register TAP_CFG2 (71h). 1 LSB = 4 samples (maximum 252
samples).
1. The PRE_STILL_THS[3:0] field must be set to a value greater than 0.
LIS2DUX12
TAP_CFG0 (6Fh)
DS14071 - Rev 2
page 58/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com