Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 8Page - STMicroelectronics LIS2DUX12 Datasheet HTML 9Page - STMicroelectronics LIS2DUX12 Datasheet HTML 10Page - STMicroelectronics LIS2DUX12 Datasheet HTML 11Page - STMicroelectronics LIS2DUX12 Datasheet HTML 12Page - STMicroelectronics LIS2DUX12 Datasheet HTML 13Page - STMicroelectronics LIS2DUX12 Datasheet HTML 14Page - STMicroelectronics LIS2DUX12 Datasheet HTML 15Page - STMicroelectronics LIS2DUX12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
3.2.4
Activity/inactivity, Android stationary/motion detection functions
The activity/inactivity function recognizes the device’s sleep state and allows reducing system power
consumption.
When the activity/inactivity function is activated by setting the SLEEP_ON bit in WAKE_UP_THS (1Ch), the
device automatically goes to the inactivity output data rate selected by the INACT_ODR[1:0] bits in register
CTRL4 (13h).
With this feature the system may be efficiently switched from low-power mode to full performance depending on
user-selectable positioning and acceleration events, thus ensuring power saving and flexibility.
The Android stationary/motion detection function only recognizes the device’s sleep state.
When the Android stationary/motion detection function is activated by setting to a stationary condition the
INACT_ODR[1:0] bits in register CTRL4 (13h), the device detects acceleration below a fixed threshold but does
not change the ODR after sleep state detection.
The activity/inactivity recognition and Android stationary/motion detection functions are activated by writing the
desired threshold in the WAKE_UP_THS (1Ch) register. The high-pass filter is automatically enabled.
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds the threshold in
WAKE_UP_THS (1Ch), the device goes into a sleep-to-wake state (as wake-up).
For the activity/inactivity function, the device, in a wake-up state, returns to the ODR before sleep state detection.
Activity/inactivity, Android stationary/motion detection threshold and duration can be configured in the following
control registers:
WAKE_UP_THS (1Ch)
WAKE_UP_DUR (1Dh)
3.2.5
Interrupt event recognition
The device may be configured to generate interrupt signals coming from an independent inertial wake-up/free-fall
event or from the position of the device itself. Thresholds and timing of this interrupt generator are programmable
by the end user in runtime.
Automatic programmable sleep-to-wake-up and return-to-sleep functions are also available for enhanced power
saving.
The device interrupts signal can behave as:
•
Free-fall: 3-axis underthreshold recognition;
•
Wake-up: axis recognition;
•
Wake-to-sleep: change of state recognition active-sleep (also known as activity-inactivity);
•
6D and 4D orientation detection: change of position recognition;
•
Tap-tap: single, double, triple axis and sign recognition.
All these functions are parallel but during sleep it is not possible to recognize a tap-tap event. All these signals
can be driven to the two interrupt pins (INT1 and INT2) through registers MD1_CFG (1Fh) and MD2_CFG (20h).
All these functions are enabled by setting the INTERRUPTS_ENABLE bit in register INTERRUPT_CFG (17h) to
1.
It is possible to configure the duration of the interrupt using the LIR bit in INTERRUPT_CFG (17h) as shown in the
following table.
Table 8. Configuration of duration of interrupt
LIR
Interrupt type
0
Level mode
1
Latched mode
•
Interrupt level mode: the interrupt signal goes high when an interrupt event occurs and is reset when the
acceleration data fall below the threshold.
•
Interrupt latched mode: the interrupt signal on the INT1/INT2 pins is the OR of the interrupt flags enabled
through the MD1_CFG (1Fh) and MD2_CFG (20h) registers. Each interrupt flag goes to 1 when an
interrupt event occurs and is reset when the dedicated source register is read. The interrupt generator
block is inhibited 1 ODR after the reset event. It is possible to reset all the interrupt flags simultaneously by
reading the ALL_INT_SRC (24h) register.
LIS2DUX12
Functionality
DS14071 - Rev 2
page 12/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com