Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 17Page - STMicroelectronics LIS2DUX12 Datasheet HTML 18Page - STMicroelectronics LIS2DUX12 Datasheet HTML 19Page - STMicroelectronics LIS2DUX12 Datasheet HTML 20Page - STMicroelectronics LIS2DUX12 Datasheet HTML 21Page - STMicroelectronics LIS2DUX12 Datasheet HTML 22Page - STMicroelectronics LIS2DUX12 Datasheet HTML 23Page - STMicroelectronics LIS2DUX12 Datasheet HTML 24Page - STMicroelectronics LIS2DUX12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
5.2
Pedometer functions: step detector and step counters
The LIS2DUX12 embeds an advanced pedometer with an algorithm running in an ultralow-power domain in order
to ensure extensive battery life in battery-constrained applications.
Leveraging on enhanced configurability, the advanced embedded pedometer is suitable for a large range of
applications from mobile to wearable devices.
The algorithm processes and analyzes the accelerometer waveform in order to count the user's steps during
walking and running activities.
The pedometer works at 25 Hz and it is not affected by the selected device power mode (ultralow-power, low-
power, high-performance), thus guaranteeing an ultralow-power experience and extreme flexibility in conjunction
with other device functionalities.
The accelerometer operating mode can be changed at runtime and is based on user requirements without
impacting the performance of the pedometer.
The pedometer output can be batched in the device's FIFO buffer, in order to decrease overall system current
consumption.
ST freely provides the support and the tools for easily configuring the device and tuning the algorithm
configuration for a best-in-class user experience.
5.3
Pedometer algorithm
The pedometer algorithm is composed of a cascade of four stages:
1.
Computation of the acceleration magnitude signal in order to detect the signal independently from device
orientation;
2.
FIR filter to extract relevant frequency components and to smooth the signal by cutting off high frequencies;
3.
Peak detector to find the maximum and minimum of the waveform and compute the peak-to-peak value;
4.
Step count: if the peak-to-peak value is greater than the settled threshold, a step is counted.
Figure 8. Four-stage pedometer algorithm
The LIS2DUX12 embeds a dynamic internal threshold for step detection that is updated after each peak-to-peak
evaluation: the internal threshold is increased with a configurable speed if a step is detected or decreased with a
configurable speed if a step is not detected.
This approach ensures high accuracy when the user starts to walk and a false peak rejection when the user is
walking or running.
An internal configurable debounce algorithm can be also set to filter false walks: indeed, an accelerometer pattern
is recognized as a walk or run only if a minimum number of steps are counted.
The LIS2DUX12 has been designed to reject a false-positive signal inside the algorithm core.
On top of the mechanisms detailed above, the LIS2DUX12 allows enabling and configuring a dedicated false-
positive rejection block to further boost pedometer accuracy.
LIS2DUX12
Pedometer functions: step detector and step counters
DS14071 - Rev 2
page 21/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com