Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 35Page - STMicroelectronics LIS2DUX12 Datasheet HTML 36Page - STMicroelectronics LIS2DUX12 Datasheet HTML 37Page - STMicroelectronics LIS2DUX12 Datasheet HTML 38Page - STMicroelectronics LIS2DUX12 Datasheet HTML 39Page - STMicroelectronics LIS2DUX12 Datasheet HTML 40Page - STMicroelectronics LIS2DUX12 Datasheet HTML 41Page - STMicroelectronics LIS2DUX12 Datasheet HTML 42Page - STMicroelectronics LIS2DUX12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
8.7
CTRL4 (13h)
R/W
Table 30. CTRL4 register
INACT_
ODR1
INACT_
ODR0
BDU
EMB_FUNC
_EN
FIFO_EN
0(1)
SOC
BOOT
1. This bit must be set to 0 for the correct operation of the device.
Table 31. CTRL4 register description
INACT_ODR[1:0]
If the activity/inactivity function is enabled, then these bits select the accelerometer ODR during inactivity
status, see Table 32.
BDU
Sensing chain block data update
(0: output registers MSByte and LSByte independent continuous update (default);
1: output registers are not updated until MSByte and LSByte have both been read)
EMB_FUNC_EN
Enables embedded functions. To be set to 1 before configuring the embedded functions. Default value: 0
(0: disabled; 1: enabled)
FIFO_EN
Enables batching in FIFO. To be set to 1 before configuring the FIFO buffer. Default value: 0
(0: disabled; 1: enabled)
SOC
Start of conversion bit. When one-shot mode using the interface (ODR[3:0] = 1111 in the CTRL5 (14h)
register) is enabled, this bit provides the start for the measurement. This bit is automatically cleared.
BOOT
Reboots memory content. Default value: 0
(0: normal operating mode; 1: reboot memory content)
This bit is automatically cleared. For proper execution of the boot procedure, set the device in high-
performance mode.
Table 32. ODR frequency in inactivity state
INACT_ODR1 INACT_ODR0
Frequency [Hz]
0
0
Stationary/motion detection: when selected, no ODR change is done if inactivity condition is
detected (default)
0
1
1.6
1
0
3
1
1
25
LIS2DUX12
CTRL4 (13h)
DS14071 - Rev 2
page 39/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com