Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 92 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 92 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 88Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 89Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 90Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 91Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 92Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 93Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 94Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 95Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
5.1.4
Continuous-to-FIFO mode................................................. 19
5.1.5
Bypass-to-continuous mode ............................................... 20
5.1.6
Bypass-to-FIFO......................................................... 20
5.1.7
FIFO reading procedure .................................................. 20
5.1.8
FIFO empty condition .................................................... 20
5.2
Pedometer functions: step detector and step counters .............................. 21
5.3
Pedometer algorithm .......................................................... 21
5.4
Tilt detection.................................................................. 22
5.5
Significant motion detection ..................................................... 22
5.6
Finite state machine ........................................................... 22
5.7
Machine learning core ......................................................... 23
5.8
Adaptive self-configuration (ASC) ................................................ 24
6
Digital interfaces .................................................................25
6.1
I²C serial interface ............................................................. 25
6.1.1
I²C operation ........................................................... 26
6.2
SPI bus interface .............................................................. 27
6.2.1
SPI read .............................................................. 28
6.2.2
SPI write .............................................................. 29
6.2.3
SPI read in 3-wire mode .................................................. 30
6.3
MIPI I3C® interface ............................................................ 31
6.3.1
MIPI I3C® slave interface ................................................. 31
6.3.2
MIPI I3C® CCC supported commands ....................................... 32
6.3.3
Anti-spike filter management on mixed I²C/MIPI I3C® bus ........................ 33
7
Register mapping.................................................................34
8
Register description ..............................................................36
8.1
PIN_CTRL (0Ch) .............................................................. 36
8.2
WAKE_UP_DUR_EXT (0Eh).................................................... 36
8.3
WHO_AM_I (0Fh) ............................................................. 37
8.4
CTRL1 (10h) ................................................................. 37
8.5
CTRL2 (11h) ................................................................. 38
8.6
CTRL3 (12h) ................................................................. 38
8.7
CTRL4 (13h) ................................................................. 39
8.8
CTRL5 (14h) ................................................................. 40
8.9
FIFO_CTRL (15h) ............................................................. 42
8.10
FIFO_WTM (16h) ............................................................. 43
8.11
INTERRUPT_CFG (17h) ....................................................... 43
LIS2DUX12
Contents
DS14071 - Rev 2
page 92/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com