Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 32Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 33Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 34Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 35Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 36Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 37Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 38Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 39Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
8
Register description
8.1
PIN_CTRL (0Ch)
R/W
Table 19. Table 20. PIN_CTRL register
SDO_PU_EN
SDA_PU_EN
PD_DIS_INT2
PD_DIS_INT1
H_LACTIVE
CS_PU_DIS
PP_OD
SIM
Table 20. PIN_CTRL register description
SDO_PU_EN
If 1, enables the internal pull-up of the SDO/SA0 pin.
SDA_PU_EN
If 1, enables the internal pull-up of the SDA/SDI/SDO pin.
PD_DIS_INT2
If 1, disables the internal pull-down of the INT2 pin.
PD_DIS_INT1
If 1, disables the internal pull-down of the INT1 pin.
H_LACTIVE
Interrupt active level
(0: interrupts active-high (default);
1: Interrupts active-low)
CS_PU_DIS
If 1, disables the internal pull-up of the CS pin.
PP_OD
Push-pull/open-drain mode for INT pins
(0: INT pins in push-pull mode (default);
1: INT pins in open-drain mode)
SIM
SPI 3 or 4-wire mode
(0: 4-wire SPI (default); 1: 3-wire SPI)
8.2
WAKE_UP_DUR_EXT (0Eh)
R/W
Table 21. WAKE_UP_DUR_EXT register
0(1)
0(1)
0(1)
WU_DUR_
EXTENDED
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 22. WAKE_UP_DUR_EXT register description
WU_DUR_EXTENDED
This bit is used to select the resolution of WAKE_DUR[1:0] bits in register WAKE_UP_DUR (1Dh).
Default value: 0
LIS2DUX12
Register description
DS14071 - Rev 2
page 36/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com