Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 91Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 92Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 93Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 94Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 95Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 96Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 97Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 98Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
10.28 FSM_OUTS8 (27h) ............................................................ 78
10.29 STEP_COUNTER_L (28h) and STEP_COUNTER_H (29h) .......................... 79
10.30 EMB_FUNC_SRC (2Ah) ....................................................... 79
10.31 EMB_FUNC_INIT_A (2Ch) ..................................................... 80
10.32 EMB_FUNC_INIT_B (2Dh) ..................................................... 80
10.33 MLC1_SRC (34h) ............................................................. 80
10.34 MLC2_SRC (35h) ............................................................. 81
10.35 MLC3_SRC (36h) ............................................................. 81
10.36 MLC4_SRC (37h) ............................................................. 81
10.37 FSM_ODR (39h) .............................................................. 82
10.38 MLC_ODR (3Ah) .............................................................. 82
11
Embedded advanced features pages ..............................................83
12
Embedded advanced features register description ................................85
12.1
Page 0 - embedded advanced features registers ................................... 85
12.1.1
FSM_LC_TIMEOUT_L (54h) and FSM_LC_TIMEOUT_H (55h) .................... 85
12.1.2
FSM_PROGRAMS (56h) ................................................. 85
12.1.3
FSM_START_ADD_L (58h) and FSM_START_ADD_H (59h)...................... 86
12.1.4
PEDO_CMD_REG (5Dh) ................................................. 86
12.1.5
PEDO_DEB_STEPS_CONF (5Eh) .......................................... 87
12.1.6
PEDO_SC_DELTAT_L (AAh) and PEDO_SC_DELTAT_H (ABh) ................... 87
12.1.7
T_SENSITIVITY_L (B6h) and T_SENSITIVITY_H (B7h).......................... 88
13
Package information..............................................................89
13.1
Soldering information .......................................................... 89
13.2
LGA-12 package information .................................................... 89
Revision history .......................................................................90
List of tables ..........................................................................96
List of figures........................................................................ 101
LIS2DUX12
Contents
DS14071 - Rev 2
page 95/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com