Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 29Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 30Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 31Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 32Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 33Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 34Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 35Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 36Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
Command
Command code
Default
Description
RSTGRPA
0x2C / 0x9C
Reset the group address
RSTACT
0x9A / 0x2A
Configure slave reset action
GETCAPS
0x95
0x00
0x11
0x18
0x00
Provide information about device capabilities and supported extended features
1. Direct RSTDAA can be disabled by writing bit DIS_DRSTDAA in I3C_IF_CTRL (33h) to 1.
6.3.3
Anti-spike filter management on mixed I²C/MIPI I3C® bus
In the LIS2DUX12, the SDA and SCL lines are common to both I²C and I3C. The I²C bus requires anti-spike filters
on the SDA and SCL pins that are not compatible with I3C timing.
The device acts as a standard I²C target as long as it is in deep power-down or in soft power-down with an I²C
static address.
When in deep power-down, the master must emit START, STATIC ADDRESS R/W (or dynamic address if
previously assigned) at open-drain speed using I²C fast mode plus reference timing to perform a power-up
command.
When the device is in soft power-down for the first time after a transition from the deep power-down state,
the device is capable of detecting and disabling the I²C anti-spike filter after detecting the broadcast address
(7'h7E/W). In order to guarantee proper behavior of the device, the I3C master must emit the first START,
7'h7E/W at open-drain speed using I²C fast mode plus reference timing.
After detecting the broadcast address, the device can receive the I3C dynamic address following the I3C push-
pull timing. If the device is not assigned a dynamic address, then it continues to operate as an I²C device with no
antispike filter. For the case in which the host decides to keep the device as I²C with an anti-spike filter, there is a
configuration required to keep the anti-spike filter active. This configuration is done by writing the ASF_ON bit to 1
in the I3C_IF_CTRL (33h) register. This configuration forces the anti-spike filter to always be turned on instead of
being managed by the communication on the bus.
LIS2DUX12
MIPI I3C® interface
DS14071 - Rev 2
page 33/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com