Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 93 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 89Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 90Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 91Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 92Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 93Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 94Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 95Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 96Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
8.12
SIXD (18h) ................................................................... 44
8.13
WAKE_UP_THS (1Ch) ......................................................... 44
8.14
WAKE_UP_DUR (1Dh) ........................................................ 45
8.15
FREE_FALL (1Eh) ............................................................ 45
8.16
MD1_CFG (1Fh) .............................................................. 46
8.17
MD2_CFG (20h) .............................................................. 46
8.18
WAKE_UP_SRC (21h) ......................................................... 47
8.19
TAP_SRC (22h)............................................................... 48
8.20
SIXD_SRC (23h) .............................................................. 48
8.21
ALL_INT_SRC (24h)........................................................... 49
8.22
STATUS (25h) ................................................................ 49
8.23
FIFO_STATUS1 (26h) ......................................................... 50
8.24
FIFO_STATUS2 (27h) ......................................................... 50
8.25
OUT_X_L (28h) ............................................................... 50
8.26
OUT_X_H (29h) .............................................................. 50
8.27
OUT_Y_L (2Ah)............................................................... 51
8.28
OUT_Y_H (2Bh) .............................................................. 51
8.29
OUT_Z_L (2Ch)............................................................... 51
8.30
OUT_Z_H (2Dh) .............................................................. 51
8.31
OUT_T_L (2Eh)............................................................... 52
8.32
OUT_T_H (2Fh) .............................................................. 52
8.33
SELF_TEST (32h)............................................................. 53
8.34
I3C_IF_CTRL (33h) ........................................................... 53
8.35
EMB_FUNC_STATUS_MAINPAGE (34h) ......................................... 53
8.36
FSM_STATUS_MAINPAGE (35h)................................................ 54
8.37
MLC_STATUS_MAINPAGE (36h)................................................ 54
8.38
SLEEP (3Dh) ................................................................. 54
8.39
IF_WAKE_UP (3Eh) ........................................................... 55
8.40
FUNC_CFG_ACCESS (3Fh).................................................... 55
8.41
FIFO_DATA_OUT_TAG (40h) ................................................... 55
8.42
FIFO_DATA_OUT_X_L (41h) and FIFO_DATA_OUT_X_H (42h)...................... 56
8.43
FIFO_DATA_OUT_Y_L (43h) and FIFO_DATA_OUT_Y_H (44h)...................... 56
8.44
FIFO_DATA_OUT_Z_L (45h) and FIFO_DATA_OUT_Z_H (46h) ...................... 57
8.45
FIFO_BATCH_DEC (47h) ...................................................... 57
8.46
TAP_CFG0 (6Fh) ............................................................. 58
8.47
TAP_CFG1 (70h).............................................................. 58
LIS2DUX12
Contents
DS14071 - Rev 2
page 93/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com