Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 39Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 40Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 41Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 42Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 43Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 44Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 45Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 46Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
8.10
FIFO_WTM (16h)
R/W
Table 40. FIFO_WTM register
XL_ONLY
_FIFO
FTH6
FTH5
FTH4
FTH3
FTH2
FTH1
FTH0
Table 41. FIFO_WTM register description
XL_ONLY_FIFO
FIFO data configuration.
If this bit is set to 0 (default), both the accelerometer data and the temperature data are stored in FIFO.
If this bit is set to 1, only accelerometer data are stored in FIFO.
FTH[6:0]
FIFO watermark threshold, maximum value is 127.
8.11
INTERRUPT_CFG (17h)
R/W
Table 42. INTERRUPT_CFG register
TIMESTAMP
_EN
0(1)
WAKE_
THS_W
0(1)
SLEEP_STAT
US_ON_INT
DIS_RST_LIR
_ALL_INT
LIR
INTERRUPTS
_ENABLE
1. This bit must be set to 0 for the correct operation of the device.
Table 43. INTERRUPT_CFG register description
TIMESTAMP_EN
Enables timestamp counter. The counter is readable in TIMESTAMP3 (7Ah), TIMESTAMP2
(7Bh), TIMESTAMP1 (7Ch), and TIMESTAMP0 (7Dh). Default value: 0
(0: disabled; 1: enabled)
WAKE_THS_W
Weight of 1 LSB of wake-up threshold. Default value: 0
(0: 1 LSB = FS_XL / (26);
1: 1 LSB = FS_XL / (28) )
SLEEP_STATUS_ON_INT
Sends the sleep status instead of sleep change to INT pins
(only if INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bits are enabled, respectively in
registers MD1_CFG (1Fh) and MD2_CFG (20h)). Default value: 0
(0: sleep change on INT pins; 1: sleep status on INT pins)
DIS_RST_LIR_ALL_INT
If 1, disables the reset of the interrupt flags when ALL_INT_SRC (24h) is read.
LIR
Interrupt mode configuration (see Table 8). Default value: 0
(0: interrupt level mode; 1: interrupt latched mode)
INTERRUPTS_ ENABLE
Enables basic interrupts (6D/4D, free-fall, wake-up, single/double/triple-tap, activity/inactivity).
Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
LIS2DUX12
FIFO_WTM (16h)
DS14071 - Rev 2
page 43/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com