Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet(PDF) 36 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 36 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 32Page - Allegro MicroSystems A31316 Datasheet HTML 33Page - Allegro MicroSystems A31316 Datasheet HTML 34Page - Allegro MicroSystems A31316 Datasheet HTML 35Page - Allegro MicroSystems A31316 Datasheet HTML 36Page - Allegro MicroSystems A31316 Datasheet HTML 37Page - Allegro MicroSystems A31316 Datasheet HTML 38Page - Allegro MicroSystems A31316 Datasheet HTML 39Page - Allegro MicroSystems A31316 Datasheet HTML 40Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
36
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PUSH-PULL OUTPUT SETTING FOR SENT
AND PWM RISING EDGE
In order to decrease the rise time for digital outputs, it is possible
to enable a push-pull output. This is done by setting dig_out_
drive_sel = 0. In such a configuration, a pull-up resistor is not
necessary, but still recommended. The table below shows the
digital output rise times, depending on the capacitive load.
Table 23: Typical Output rise time if dig_out_drive_sel = 0
Time 10% to 90% (µs)
Cload = 4.7 nF
Pullup RL = 55 kΩ
0.38
�me
5.0
0.0
1.0
2.0
3.0
4.0
Time 10% - 90%
(for dig_out_push_lim = 7)
VOUT
5.0
0.0
1.0
2.0
3.0
4.0
dig_out_push_lim = 7
dig_out_push_lim = 0
Figure 25: Definition of output rise times
and output delay (exemplary plot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com