Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 7Page - Allegro MicroSystems A31316 Datasheet HTML 8Page - Allegro MicroSystems A31316 Datasheet HTML 9Page - Allegro MicroSystems A31316 Datasheet HTML 10Page - Allegro MicroSystems A31316 Datasheet HTML 11Page - Allegro MicroSystems A31316 Datasheet HTML 12Page - Allegro MicroSystems A31316 Datasheet HTML 13Page - Allegro MicroSystems A31316 Datasheet HTML 14Page - Allegro MicroSystems A31316 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
[1] Based on receiver design.
[2] Tick times under 0.5 µs are available, but not guaranteed.
[3] Parameter not measured at final test. Determined by design and characterization.
INTERFACE CHARACTERISTICS: Valid for all electrical and device requirements ranges and |BIN| ≥ 300 G,
unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
SENT Ground Current [3]
IGND
Average current through (signal) ground line over
one message
–
–
50
mA
SENT Supply Ripple Current [3]
ISUP-RIPPLE
Peak-to-peak variation in supply current
consumption over one message at frequencies up
to fC = 30 kHz measured as described for IGND
–
–
9
mA
SENT Fall Time [3]
tFALL
From VOUT = 3.8 V to VOUT = 1.1 V, IGND ≤ 20 mA,
3 µs tick time
–
–
6.5
µs
From VOUT = 3.8 V to VOUT = 1.1 V,
20 mA ≤ IGND ≤ 50 mA, 3 µs tick time
–
–
5
µs
SENT Rise Time [3]
tRISE
From VOUT = 1.1 V to VOUT = 3.8 V, 3 µs tick time
–
–
18
µs
SENT Edge Jitter [3]
ΔtFALL
Edge to edge jitter with static environment for any
pulse prior, 3 µs tick time
–
–
0.1
µs
SENT Nibble Jitter [3]
ΔtNIBBLE
Variation of maximum nibble time compared to the
expected time derived from the calibration pulse,
3 µs tick time
–
–
0.3
µs
PWM INTERFACE SPECIFICATION
PWM Carrier Frequency
fPWM
See Table 10
125
–
160000
Hz
PWM Carrier Frequency
Tolerance
TOL(fPWM)
–8
–
8
%
PWM Resolution
resPWM
Based of fPWM
8
–
15
bit
Output Jitter, PWM
PWMJIT
fPWM ≥ 2 kHz, see Table 104 for LSB definition
–1
–
1
LSB
fPWM < 2 kHz, see Table 104 for LSB definition
–3
–
3
LSB
PWM Duty Cycle
DPWM
2
–
98
%
PWM Output Saturation Voltage
VSAT(LOW)
RPULLUP ≥ 1.2 kΩ
–
–
0.40
V
PWM Output Load Resistance
RL(PULLUP)
3.3
–
–
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com