Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 9Page - Allegro MicroSystems A31316 Datasheet HTML 10Page - Allegro MicroSystems A31316 Datasheet HTML 11Page - Allegro MicroSystems A31316 Datasheet HTML 12Page - Allegro MicroSystems A31316 Datasheet HTML 13Page - Allegro MicroSystems A31316 Datasheet HTML 14Page - Allegro MicroSystems A31316 Datasheet HTML 15Page - Allegro MicroSystems A31316 Datasheet HTML 16Page - Allegro MicroSystems A31316 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
The A31316 contains two independent signal paths. One of those
are dedicated to alternate between the two sensing dimensions for
the angle calculation. The second signal path is a complete copy
of the time-shared signal path to provide a diagnostic check of the
sensing channels to ensure accuracy for safety-critical applica-
tions. Each channel has dedicated Polarity, Sensitivity, and Offset
correction that is available to the customer for end-of-line calibra-
tion. This allows the A31316 to be used in both rotary and linear
position applications in any mounting orientation relative to the
sensing magnet and to provide high accuracy and matching as the
device and magnetic system changes over temperature.
The A31316 features an internal CORDIC calculation of angle
from factory-selected pairs of detection axes (X, Y, and Z). The
CORDIC calculation effective accuracy is 16 bits.
Equation 1:
θ = atan2(sin(θ), cos(θ))
The output angle value is available in both SENT and PWM
options. Alternatively, the two factory-selected channels of the
X, Y, and Z channels are available to output in SENT. Along with
the magnetic data, the SENT option provides access to additional
device information such as temperature, error flag informa-
tion, and customer identification register data. End-of-line angle
calibration options are available in customer space to allow the
device to be used in a wide number of contactless sensing appli-
cations.
Typical Application Information
The A31316 has a high level of customer programmability to be
used in a number of applications for either on- or off-axis rotary
angle or linear position sensing. For on-axis rotary sensing, the
on-chip ATAN2 provides an angle output that, combined with the
configurable update rate, allows magnetic angular sensing at a
wide range of system bandwidth requirements. To help account
for errors associated with off axis mounting of the sensor, the
individual Channel A and Channel B Sensitivity and Offset cor-
rection can be used to match the amplitude of the signals input to
the ATAN2.
The A31316 can be used for slide-by applications, in which a
one-dimensional position change of a target is to be measured.
The angle output from the A31316 is related to the linear posi-
tion of the magnetic target. With the available linearization on the
A31316, stroke lengths greater than the length of the magnet can
be realized.
Temperature Output
The A31316 temperature sensor output that is used for tempera-
ture compensation within the device can be read from primary
register temperature_16b [11:0], or in SENT in the extended data
nibbles or SCN serial message.
SENT temperature sensor output corresponds to SAEJ2716
APRIL2016, chapter E.2.2.3, with the following function repre-
sentation:
SENT Serial or Extended Nibble:
X1 = –230.875°C = 42.275 K
Y1 = 1
X2 = 280.000°C = 553.150 K
Y2 = 4088
SENT 8-Bit Data:
X1 = –229.0°C = 44.150 K
Y1 = 1
X2 = 279.000°C = 552.150 K
Y2 = 255
Table 1: Temperature Output Options
Temperature
Reporting Method
Code Range
Temperature Range
Step Size
Conversion
Read of Register
(temperature_16b)
–32,768 … 32,767
–231.0°C … 281.0°C
1/8°C
[°C]=signed16-bittemperaturecode
128 +25
SENT Serial or
Extended Nibble
1 … 4088
–230.9°C … 280.0 °C
1/8°C
[°C]=unsigned12-bittemperaturecode–2048
8
+25
SENT 8-BIT
Temperature Data
1 … 255
–229.0°C… 279.0 °C
2°C
[°C]=(unsigned8-bittemperaturecode–128)×2+25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com