Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 17Page - Allegro MicroSystems A31316 Datasheet HTML 18Page - Allegro MicroSystems A31316 Datasheet HTML 19Page - Allegro MicroSystems A31316 Datasheet HTML 20Page - Allegro MicroSystems A31316 Datasheet HTML 21Page - Allegro MicroSystems A31316 Datasheet HTML 22Page - Allegro MicroSystems A31316 Datasheet HTML 23Page - Allegro MicroSystems A31316 Datasheet HTML 24Page - Allegro MicroSystems A31316 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
21
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ANGLE SIGN (ROTATION DIRECTION)
The A31316 has a bit in EEPROM, cordic_pol designating
the polarity of the angle reading of the device, determined by
whether increasing output for clockwise or counterclockwise
rotation. Since each channel can be inverted individually in the
channel path, this setting must be combined with the channel
polarity bits to determine which direction of rotation is consid-
ered positive.
Equation 16:
4
= 3 for cordic_pol=0
360°− 3 for
cordic_pol=1
{
LINEARIZATION AND BINNING
The A31316 contains two different means of producing an output
based on any sensed angle waveform. These options are in the
form of a segmented linearization, and a discretized output option
called Binning mode. Each of these options allow for the use of
up to 33 fixed points to quantize the angle output, or the ability to
apply the segment endpoints at configurable sensed angle loca-
tions.
See section “Saturation Flag (SAT)” regarding the possible diag-
nostics for this block.
LINEARIZATION / BINNING MODE SELECTION
The preferred mode is selected by the EEPROM parameter lin_
mode, as shown in Table 9 and depicted in Figure 10.
Table 5: Linearization / binning mode selection
lin_mode Code
Output Transfer Function Option
0
Fixed Segment Linearization
1
Fixed Segment Binning Mode
2
Variable Segment Linearization Mode
3
Variable Segment Binning Mode
Y_val_01 ( value < 0 )
Y_val_03 ( value < 0 )
Y_val_13 ( value > 0 )
x_pos_00
x_pos_01
Y_val_01 ( value < 0 )
Y_val_00 ( value < 0 )
Y_val_01
Y_val_11
x_pos_00
x_pos_08
Y_val_00
Y_val_08
Fixed segment lineariza�on (lin_mode 0)
Fixed segment binning (lin_mode 1)
Variable segment lineariza�on (lin_mode 2)
Variable segment binning (lin_mode 3)
“X”
“X”
“X”
“X”
Figure 11: Linearization and Binning Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com