Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet(PDF) 57 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 57 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 53Page - Allegro MicroSystems A31316 Datasheet HTML 54Page - Allegro MicroSystems A31316 Datasheet HTML 55Page - Allegro MicroSystems A31316 Datasheet HTML 56Page - Allegro MicroSystems A31316 Datasheet HTML 57Page - Allegro MicroSystems A31316 Datasheet HTML 58Page - Allegro MicroSystems A31316 Datasheet HTML 59Page - Allegro MicroSystems A31316 Datasheet HTML 60Page - Allegro MicroSystems A31316 Datasheet HTML 61Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
57
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
DIG_OUT_PUSH_LIM (BITS 24:22)
Selects the digital output push driver current limit. Approximate
current limits are provided below:
dig_out_push_lim
Current Limit (mA)
0
10
1
8.75
2
7.5
3
6.25
4
5
5
3.75
6
2.5
7
1.25
DIG_OUT_PUSH_LIM_SEL (BIT 21)
Disables the digital push driver current limit.
• If dig_out_push_lim_dis = ‘0’ current limit is set by dig_out_
push_lim register.
• If dig_out_push_lim_dis = ‘1’ current limit is ~20 mA
SAT_COR_MASK (BIT 20)
Disables the channel level saturation sub-flag when set. This
mask only effects the error flag reporting ability and does not
change the effects of saturation on the signal path data.
SAT_FILT_MASK (BIT 19)
Disables the filter level saturation sub-flag when set. This mask
only effects the error flag reporting ability and does not change
the effects of saturation on the signal path data.
SAT_COR_MASK (BIT 18)
Disables the saturation correction error flag when set. This mask
only affects the error flag reporting ability. It does not change the
effect of the saturation on the signal path data.
SAT_LIN_MASK (BIT 17)
Disables the saturation linearization error flag when set. This
mask only affects the error flag reporting ability. It does not
change the effect of the saturation on the signal path data.
ACF_FAULT_FILT (BITS 16:15)
Filters the ACF fault condition, the error condition must be present
for the number of cycles shown below before a fault flag is tripped.
acf_fault_filt
Cycles
0
0
1
2
2
4
3
8
FAULT_FILT (BITS 14:12)
Filters the SAT, AOC, and SRR flags; each error condition must
be present for the number of cycles shown below before their
respective flag is tripped. Additionally, also sets the number of
temperature updates for which the temperature sensor must be in
error before a TSE flag is set
fault_filt
SAT, AOC, SSR
[Cycles]
TSE
[Temperature Updates]
0
0
1
1
2
2
2
4
4
3
8
8
4
16
16
5
32
2
6
64
4
7
128
8
OVD_MASK (BIT 11)
Disables the overvoltage detection error flag when set.
UVD_MASK (BIT 10)
Disables the undervoltage detection error flag when set.
SPE_MASK (BIT 9)
Disables the signal path error flag when set.
ESE_MASK (BIT 8)
Disables the EEPROM single bit error flag when set.
POR_MASK (BIT 7)
Disables the power-on reset error flag when set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com