Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet(PDF) 33 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 33 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 37Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
33
Process connections with
internal, ceramic process
isolating diaphragm
Thread ASME
A
ø3 (0.12)
NPT ¼"
41
A0022242
B
NPT ¼"
ø21.4 (0.84)
NPT ½"
41
A0022241
C
ø11.4 (0.45)
ø21.4 (0.84)
NPT ½"
ø17.3 (0.68)
41
A0022240
Engineering unit mm (in)
Device
Item
Designation
Material
Weight
Approval
Option 1)
kg (lbs)
• PMC11
• PMC21
A
ASME ¼" MNPT, bore 3 mm (0.12 in)
316L
0.160 (0.35)
CRN
VUJ
• PMC11
• PMC21
B
ASME ½" MNPT, ¼" FNPT (female)
316L
0.190 (0.42)
CRN
VXJ
• PMC11
• PMC21
C
ASME ½" MNPT, bore 11.4 mm (0.45 in)
316L
0.190 (0.42)
CRN
VWJ
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com