Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet(PDF) 35 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 35 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 39Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
35
Process connections with
internal, metal process
isolating diaphragm
Thread ISO 228 G
A
ø3 (0.12)
ø5 (0.2)
ø9.5 (0.37)
G ¼" A
SW/AF
A0021959
B
ø23 (0.91)
G ¼"
SW/AF
A0021960
C
ø17.5 (0.69)
ø6 (0.24)
ø3 (0.12)
G ½" A
ø18 (0.71)
SW/AF
A0021962
D
ø17.5 (0.69)
G ½" A
ø11.4 (0.45)
SW/AF
A0021963
Engineering unit mm (in)
Position Device Description
Material Nominal value
to 100 bar (1500 psi)
Nominal value
400 bar (6000 psi)
Option 1)
Weight
Height C SW/
AF
Weight
Height C SW/
AF
kg (lbs)
kg (lbs)
A
PMP11
PMP21
Thread ISO 228 G ¼" A, EN 837
316L
0.200 (0.44) 57 (2.24) 32
0.240 (0.53) 69 (2.72) 27
WTJ
B
PMP11
PMP21
Thread ISO 228 G ¼" (female)
316L
0.220 (0.49) 57 (2.24) 32
0.260 (0.57) 69 (2.72) 27
WAJ
C
PMP11
PMP21
Thread ISO 228 G ½" A, EN 837
316L
0.220 (0.49) 65 (2.56) 32
0.270 (0.60) 77 (3.03) 27
WBJ
D
PMP11
PMP21
Thread ISO 228 G ½" A,
bore11.4 mm (0.45 in)
316L
0.220 (0.49) 62 (2.44) 32
0.260 (0.57) 74 (2.91) 27
WWJ
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com