Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet(PDF) 22 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 22 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
22
Endress+Hauser
Performance characteristics of metal process isolating
diaphragm
Reference operating
conditions
• As per IEC 60770
• Ambient temperature TA = constant, in the range: +21 to +33 °C (+70 to +91 °F)
• Humidity φ = constant, in the range: 5 to 80 % rH
• Ambient pressure pA = constant, in the range: 860 to 1060 mbar (12.47 to 15.37 psi)
• Position of measuring cell = constant, in the range: horizontal ±1° (see also "Influence of the
installation position" section →  23)
• Zero based span
• Process isolating diaphragm material: AISI 316L (1.4435)
• Filling oil: synthetic oil polyalphaolefin FDA 21 CFR 178.3620, NSF H1
• Supply voltage: 24 V DC ±3 V DC
• Load: 320 Ω (at 4 to 20 mA output)
Measuring uncertainty for
small absolute pressure
measuring ranges
The smallest extended uncertainty of measurement that can be delivered by our standards is:
• in the range 1 to 30 mbar (0.0145 to 0.435 psi): 0.4 % of reading
• in the range < 1 mbar (0.0145 psi): 1 % of reading.
Influence of the installation
position
→  23
Resolution
Current output: min. 1.6 μA
Reference accuracy
The reference accuracy contains the non-linearity [DIN EN 61298-2 3.11] including the pressure
hysteresis [DIN EN 61298-23.13] and non-repeatability [DIN EN 61298-2 3.11] in accordance with
the limit point method as per [DIN EN 60770].
Device
% of the calibrated span to the maximum turn down
Reference accuracy
Non-linearity
Non-repeatability
PMP11 1)
±0.5
±0.1
±0.1
PMP21
±0.3
±0.1
±0.1
1)
For devices with 0 to 10 V output, a non-linearity of up to max. 0.3 V can occur for signal values below
0.015 V.
Overview of the turn down ranges →  15
Thermal change of the zero
output and the output span
Measuring cell
–20 to +85 °C (–4 to +185 °F)
–40 to –20 °C (–40 to –4 °F)
+85 to +100 °C (+185 to +212 °F)
% of the calibrated span for TD 1:1
<1 bar (15 psi)
<1
<1.2
≥1 bar (15 psi)
<0.8
<1
Long-term stability
Device
1 year
5 years
8 years
% of URL
PMP11
PMP21
±0.2
±0.4
±0.45
Switch-on time
≤2 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com