Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet(PDF) 29 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 29 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 33Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
29
Mechanical construction
For the dimensions, see the Product Configurator: www.endress.com
Search for product → click "Configuration" to the right of the product image → after
configuration click "CAD"
The following dimensions are rounded values. For this reason, they may deviate slightly from
the dimensions given on www.endress.com.
Design, dimensions
Device height
The device height is calculated from
• the height of the electrical connection
• the height of the housing and
• the height of the individual process connection.
The individual heights of the components are listed in the following sections. To calculate the device
height simply add up the individual heights of the components. Where applicable also take into
consideration the installation distance (space that is used to install the device). You can use the
following table for this purpose:
Section
Page
Height
Example
Electrical connection
→  29
(A)
A
D
B
C
A0027252
A
D
B
C
A0022829
Housing height
→  30
(B)
Process connection height
→  32
→  35
(C)
Installation distance
-
(D)
Electrical connection
 
A
M12x1
A0024426
B
M12x1
A0024427
C
34 (1.34)
A0024428
D
r ³ 102 (4.02)
A0024429
Engineering unit mm (in)
Item Designation
Material
Weight kg (lbs) Device Option 1)
A
M12 plug IP65
(Additional dimensions →  47)
Housing cap made of plastic 0.012 (0.03)
PMC11
PMP11
L
A
M12 plug IP65/67
(Additional dimensions →  47)
Housing cap made of plastic 0.012 (0.03)
PMC21
PMP21
M
Plug connector with cable
can be ordered as an accessory →  47
B
M12 plug IP66/67
Housing cap made of metal 0.030 (0.07)
PMC21
PMP21
In the case of Ex ec type of protection, the
housing cap is made of metal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com