Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
13
Input
Measured variable
Measured process variable
• PMC11: Gauge pressure
• PMP11: Gauge pressure
• PMC21: Gauge pressure or absolute pressure
• PMP21: Gauge pressure or absolute pressure
Calculated process variable
Pressure
Measuring range
Ceramic process isolating diaphragm
Sensor
Device Maximum
Sensor measuring range
Lowest
calibratable
span 1)
MWP
OPL
Factory settings 2)
Option 3)
lower (LRL) upper (URL)
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
Devices for gauge pressure measurement
100 mbar (1.5 psi) 4)
PMC21 –0.1 (–1.5)
+0.1 (+1.5)
0.02 (0.3)
2.7 (40.5)
4 (60)
0 to 100 mbar (0 to 1.5 psi)
1C
250 mbar (4 psi) 5)
PMC21 –0.25 (–4)
+0.25 (+4)
0.05 (1)
3.3 (49.5)
5 (75)
0 to 250 mbar (0 to 4 psi)
1E
400 mbar (6 psi) 6)
PMC11
PMC21
–0.4 (–6)
+0.4 (+6)
0.08 (1.2)
5.3 (79.5)
8 (120)
0 to 400 mbar (0 to 6 psi)
1F
1 bar (15 psi) 6)
PMC11
PMC21
–1 (–15)
+1 (+15)
0.2 (3)
6.7 (100.5)
10 (150)
0 to 1 bar (0 to 15 psi)
1H
2 bar (30 psi) 6)
PMC11
PMC21
–1 (–15)
+2 (+30)
0.4 (6)
12 (180)
18 (270)
0 to 2 bar (0 to 30 psi)
1K
4 bar (60 psi) 6)
PMC11
PMC21
–1 (–15)
+4 (+60)
0.8 (12)
16.7 (250.5) 25 (375)
0 to 4 bar (0 to 60 psi)
1M
6 bar (90 psi) 6)
PMC11
PMC21
–1 (–15)
+6 (+90)
2.4 (36)
26.7 (400.5) 40 (600)
0 to 6 bar (0 to 90 psi)
1N
10 bar (150 psi) 6)
PMC11
PMC21
–1 (–15)
+10 (+150)
2 (30)
26.7 (400.5) 40 (600)
0 to 10 bar (0 to 150 psi)
1P
16 bar (240 psi) 6)
PMC11
PMC21
–1 (–15)
+16 (+240)
6.4 (96)
40 (600)
60 (900)
0 to 16 bar (0 to 240 psi)
1Q
25 bar (375 psi) 6)
PMC11
PMC21
–1 (–15)
+25 (+375)
10 (150)
40 (600)
60 (900)
0 to 25 bar (0 to 375 psi)
1R
40 bar (600 psi) 6)
PMC11
PMC21
–1 (–15)
+40 (+600)
8 (120)
40 (600)
60 (900)
0 to 40 bar (0 to 600 psi)
1S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com