Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 58Page - STMicroelectronics STE2004 Datasheet HTML 59Page - STMicroelectronics STE2004 Datasheet HTML 60Page - STMicroelectronics STE2004 Datasheet HTML 61Page - STMicroelectronics STE2004 Datasheet HTML 62Page - STMicroelectronics STE2004 Datasheet HTML 63Page - STMicroelectronics STE2004 Datasheet HTML 64Page - STMicroelectronics STE2004 Datasheet HTML 65Page - STMicroelectronics STE2004 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
65/66
STE2004
Figure 76. Alignment marks dimensions
Table 30. Bumps
Table 31. Die Mechanical Dimensions
94
µm
39
µm
Bump
Number
Dimensions
Bumps Size
30
µm X 98 µm X 17.5
Pad Size
43
µm X 107µm
Pad Pitch
50
µm
Spacing between
Bumps
20
µm
Die Size (X x Y)
6.42mm x 1.46mm
Wafers Thickness
500
µm
Table 32. Revision History
Date
Revision
Description of Changes
May 2004
3
Moved the value of FSCLK parameter from Min. to Max. on the page 60/
66.
July 2004
4
Inserted Table 24 -N-Line Inversion in the page 44/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com